M2VF2-0E-R2/X1
AI

The **M2VF2-0E-R2/X1** is a high-performance, compact **M.2 video capture card** manufactured by Yuan High-Tech. It is designed to bridge the gap between professional video broadcasting and small-form-factor computing.
---
### ## Technical Specifications Overview
The electronic design centers on high-bandwidth data transfer and real-time hardware processing.
| Feature | Specification |
| :--- | :--- |
| **Interface** | M.2 (PCIe Gen2 x2) |
| **Video Input** | 1 x SDI (BNC) |
| **Max Resolution** | 1920 x 1080p @ 60fps |
| **Video Format** | YUY2 (4:2:2) |
| **Audio** | Embedded SDI Audio |
| **Power Consumption** | ~3.5W |
---
### ### Core Electronic Components
The architecture of this module relies on three main stages:
#### 1. The Interface Controller (PCIe)
Unlike standard M.2 SSDs that use NVMe protocols, this card utilizes the **PCIe Gen2 x2** bus to stream raw video data directly to the system memory (DMA). The "M-Key" or "B+M Key" physical interface ensures compatibility with modern industrial motherboards.
#### 2. The Video Processing Engine (FPGA/ASIC)
At the heart of the board is a specialized processing chip (often a Lattice or Xilinx FPGA programmed by Yuan) that handles:
* **De-interlacing:** Converting interlaced signals to progressive frames.
* **Color Space Conversion:** Converting SDI signals into YUY2 formats for the CPU.
* **Scaling:** Hardware-level resizing to reduce CPU overhead.
#### 3. SDI Input Stage
The physical BNC connector is supported by a **Signal Equalizer**. This chip compensates for signal loss over long SDI cables, allowing the card to lock onto signals even if the source is up to 100 meters away.
---
### ### Key Electronic Features
* **Low Latency Architecture:** The board is designed for "Direct Memory Access" (DMA), meaning the video frames bypass the CPU during the initial capture phase, resulting in sub-frame latency.
* **Multi-Card Support:** The electronic ID (X1 designation) allows multiple units to be installed on a single motherboard without interrupt conflicts.
* **Thermal Design:** Because M.2 slots are often located in tight spaces, the card uses high-efficiency voltage regulators to keep heat dissipation under 4W.
---
### ### Application Use Cases
1. **Medical Imaging:** Integrating SDI camera feeds into portable surgical displays.
2. **Military/UAV:** Capturing long-range telemetry video into compact ruggedized PCs.
3. **Broadcasting:** Acting as a high-density ingest point for rackmount servers.
- ⤷
What are the power requirements and thermal limits for this M.2 card?
- ⤷ Is this card compatible with Linux-based embedded systems?
- ⤷ Does the hardware support onboard H.264 encoding or is it raw capture only?