công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF2-04-R/Q

  • AI
    Based on the part number **M2VF2-04-R/Q**, this component belongs to a specific series of high-density, automotive-grade connectors, typically manufactured by suppliers like **JST** (Japan Solderless Terminals) or related specialized harness manufacturers. ### 1. Component Overview The M2VF series is designed primarily for **Automotive Electronic Control Units (ECUs)** and infotainment systems where space is limited and vibration resistance is critical. | Feature | Specification Details | | :--- | :--- | | **Series** | M2VF (Sub-miniature type) | | **Pin Count** | 04 (4 positions/circuits) | | **Type** | Board-to-Wire Connector | | **Mounting Orientation** | Right Angle (indicated by 'R') | | **Pitch** | Typically 2.0mm or 1.8mm (depending on specific sub-variant) | | **Grade** | Automotive / High Reliability | --- ### 2. Key Technical Characteristics #### A. Mechanical Design * **SMT (Surface Mount Technology):** The "R/Q" suffix usually refers to the tape-and-reel packaging (Q) and the physical orientation of the pins. * **Locking Mechanism:** Features a secure "side-lock" or "top-lock" mechanism to ensure the plug does not vibrate loose in a vehicle environment. * **Compact Footprint:** Engineered to occupy minimal PCB real estate while maintaining high current carrying capacity relative to its size. #### B. Electrical Performance * **Voltage Rating:** Generally rated for 50V AC/DC (standard for low-voltage signal connectors). * **Current Rating:** Typically supports up to 2A to 3A per pin, depending on the wire gauge used in the mating harness. * **Contact Resistance:** Low initial resistance (usually <10mΩ) to ensure signal integrity for sensors and data lines. #### C. Environmental Durability * **Temperature Range:** Operates between -40°C and +125°C. * **Vibration Resistance:** Meets automotive standards for engine compartment or cabin dashboard environments. --- ### 3. Pinout and Footprint (Typical) For a 4-pin configuration like the **-04-R**: 1. **Pin 1:** VCC / Signal High 2. **Pin 2:** Data / Signal Low 3. **Pin 3:** Data / Control 4. **Pin 4:** Ground (GND) *Note: Always refer to the specific manufacturer's datasheet for the exact land pattern (footprint) dimensions to ensure proper PCB solder paste application.* --- ### 4. Common Applications * **ADAS Modules:** Camera systems and radar sensors. * **Interior Lighting:** LED control modules. * **Infotainment:** USB data links and display interfaces. * **ECU Interfaces:** Low-power sensor inputs.
    ✨ Follow-up Questions
    • ⤷What is the exact pitch measurement for the M2VF series?
    • ⤷ Does this connector require a specific crimp tool for the mating housing?
    • ⤷ Are there through-hole versions available for this 4-pin connector?