M2VF2-02-R2/Q
AI

The **M2VF2-02-R2/Q** is a specific electronic component typically associated with industrial power supply modules, specifically from the **M2VF2 series** (often manufactured by companies like M-System or similar industrial automation providers). These are generally **Signal Conditioners** or **Transmitters** designed for process control.
Below is a breakdown of the electronic characteristics and specifications.
---
### 1. General Specifications
This device acts as a signal isolator and converter. It takes a specific input signal and converts it into a standardized output while providing electrical isolation.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Signal Conditioner / Isolator |
| **Model Series** | M2VF2 (High-speed Variable Frequency Transmitter) |
| **Mounting** | Plug-in base / DIN Rail |
| **Isolation** | Input to output to power (3-way isolation) |
| **Construction** | Discrete electronic components on a PCB within a plastic housing |
---
### 2. Electronic Parts Breakdown
The "R2/Q" suffix provides specific details regarding the power supply and special features:
#### A. Input and Output (Electronic Function)
* **Variable Frequency:** The "VF" designation usually indicates it handles frequency-based signals (like pulses from a flow meter or tachometer) and converts them into a DC voltage or current.
* **Isolation Circuitry:** Uses opto-couplers or transformers to ensure high-voltage spikes on the input side do not damage the PLC or controller on the output side.
#### B. Suffix Definitions
* **R2:** This refers to the **Power Input**.
* `R` usually denotes 24V DC.
* `2` implies a specific internal power regulation circuit designed for stability.
* **Q:** This is a **Quality/Special Option** code.
* In many industrial parts, `/Q` signifies "Quality Control" or "Special Specification."
* This often includes a "Certificate of Conformance," specific "Burn-in" testing, or "Coating" (conformal coating) for moisture resistance.
---
### 3. Key Technical Parameters
| Parameter | Value (Typical) |
| :--- | :--- |
| **Supply Voltage** | 24V DC (±10%) |
| **Power Consumption** | Approx. 2W - 3W |
| **Isolation Resistance** | 100 MΩ or more (at 500V DC) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Operational Temperature** | -5 to +55°C |
---
### 4. Connection Interface
The module usually features a 10-pin or 11-pin base. The internal electronics route signals as follows:
1. **Terminals 1 & 10/11:** Power Input.
2. **Input Terminals:** Signal from the field sensor.
3. **Output Terminals:** 4-20mA or 1-5V DC signal to the control system.
---
- ⤷What is the specific input signal range for the M2VF2-02 model?
- ⤷ How do I calibrate the zero and span on this module?
- ⤷ Does the /Q suffix indicate a specific conformal coating type?