công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF2-016-R/CE

  • AI
    The **M2VF2-016-R/CE** is a specific model of a **Soft Starter** or **Electronic Motor Starter** typically manufactured by companies like **Fairford Electronics** (or rebranded under various automation labels). These devices are designed to manage the startup phase of three-phase induction motors to reduce mechanical stress and electrical surges. --- ### 1. Key Technical Specifications The model alphanumeric code reveals the core electronic capabilities of the unit: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | Typically 230V to 460V AC (3-Phase) | | **Current Rating** | 16 Amperes (indicated by the `-016-`) | | **Control Voltage** | Usually 24V DC or 110/230V AC (model dependent) | | **Phase Control** | 2-Phase or 3-Phase controlled options | | **Certifications** | CE (European Conformity), RoHS compliant | --- ### 2. Core Electronic Components The internal architecture of the M2VF2-016-R/CE consists of several critical electronic systems: #### A. Power Semiconductors (Thyristors/SCRs) The heart of the unit consists of pairs of **Anti-parallel Thyristors (SCRs)**. * **Function:** By varying the firing angle of these SCRs, the device gradually increases the voltage supplied to the motor. * **Heat Dissipation:** These are mounted on an internal aluminum heatsink to manage thermal energy generated during the start cycle. #### B. Control Logic Circuitry (Microprocessor) The "brain" of the unit is a dedicated microcontroller that monitors: * **Ramp-up Time:** Adjustable timing for how long the motor takes to reach full speed. * **Pedestal Voltage:** The starting voltage level (e.g., starting at 30% of line voltage). #### C. Internal Bypass Relay The "R" in many of these model numbers signifies an **Integrated Bypass**. * Once the motor reaches full speed, an internal mechanical relay or contactor closes. * This allows the current to bypass the SCRs, reducing heat build-up and increasing the electronic lifespan of the device. --- ### 3. Protection & Interface The electronic board includes several protection features to safeguard both the motor and the starter: * **Over-temperature Protection:** A thermistor monitors the heatsink temperature. * **Status LEDs:** Typically features a Green (Ready) and Red (Fault) LED system for diagnostic feedback. * **Potentiometers:** Small analog dials on the front face for manual adjustment of "Start Time" and "Initial Torque." --- ### 4. Wiring Overview The unit is typically wired using the following terminal blocks: ```text L1, L2, L3 --> Main 3-Phase Power Input T1, T2, T3 --> Output to the Induction Motor A1, A2 --> Control Supply (Powers the internal electronics) 13, 14 --> Auxiliary contacts (for signaling "Run" status) ```
    ✨ Follow-up Questions
    • ⤷ What are the common causes of a 'Fault' light on this specific soft starter?
    • ⤷ How do you adjust the ramp-up time for a high-inertia load?
    • ⤷ Does this model support Modbus or other communication protocols?