M2VF2-015W-R
AI

The **M2VF2-015W-R** is a specific model of an **AC-DC LED Driver** (Power Supply) typically manufactured by companies like **Moons' Industries**. It is designed to convert high-voltage alternating current (AC) into a constant low-voltage direct current (DC) suitable for powering LED lighting systems.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the M2VF2-015W-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Power** | 15 Watts (Max) |
| **Input Voltage Range** | 90 ~ 305 VAC (Universal Input) |
| **Output Type** | Constant Current (CC) or Constant Voltage (CV) * |
| **Efficiency** | ~85% (Typical) |
| **Power Factor** | > 0.9 (at full load) |
| **IP Rating** | IP67 (Waterproof/Dustproof) |
*\*Note: Most "W" series drivers are designed for specific LED string voltages; ensure the forward voltage of your LEDs matches the driver's output range.*
---
### 2. Major Electronic Components & Features
The device is composed of several critical internal sub-systems:
#### A. Input Filtering (EMI/Surge Protection)
* **MOV (Metal Oxide Varistor):** Protects the driver from voltage spikes or lightning surges.
* **EMI Filter:** High-frequency inductors and capacitors that prevent electromagnetic interference from leaking back into the power grid.
#### B. Rectification and PFC
* **Bridge Rectifier:** Converts AC input to pulsating DC.
* **Power Factor Correction (PFC):** An active circuit that ensures the current drawn is in phase with the voltage, reducing energy waste and harmonic distortion.
#### C. Switching Stage (PWM Controller)
* **MOSFET:** A high-speed electronic switch that "chops" the DC voltage at high frequencies.
* **Transformer:** Provides galvanic isolation (safety) between the high-voltage input and low-voltage output while stepping down the voltage.
#### D. Feedback & Protection Circuits
The M2VF2-015W-R includes several safety mechanisms:
* **Over Voltage Protection (OVP):** Shuts down if the output voltage exceeds safe limits.
* **Short Circuit Protection (SCP):** Prevents damage if the positive and negative output wires touch.
* **Over Temperature Protection (OTP):** Throttles or stops power if the internal temperature gets too high.
---
### 3. Wiring Configuration
The unit typically features color-coded wires for installation:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Black** | Line (L) | AC Input (Hot) |
| **White** | Neutral (N) | AC Input (Neutral) |
| **Green/Yellow**| Ground (G) | Earth Safety Ground |
| **Red** | LED+ | Positive DC Output to LEDs |
| **Blue/Black** | LED- | Negative DC Output to LEDs |
---
### 4. Typical Applications
* Outdoor architectural lighting.
* LED signage and channel letters.
* Commercial downlights.
* Industrial indicator systems.
- ⤷
What is the exact output voltage and current range for this specific 15W model?
- ⤷ Can this LED driver be dimmed using a Triac or 0-10V dimmer?
- ⤷ How does the IP67 rating affect the installation requirements for this driver?