M2VF2-012-R/X1
AI

The **M2VF2-012-R/X1** is a specific variant of a high-performance **Electromechanical Power Relay**, commonly used in automotive and industrial control systems. It is designed to switch high-current DC loads using a low-power control signal.
---
### 1. Technical Specifications
Below are the primary electronic characteristics of the M2VF2-012-R/X1:
| Parameter | Specification | Description |
|:---|:---|:---|
| **Coil Voltage** | 12V DC | The voltage required to activate the relay. |
| **Contact Arrangement** | Form A (SPST-NO) | Single Pole Single Throw - Normally Open. |
| **Max Switching Current** | 30A to 40A | Typical rating for power relays in this series. |
| **Coil Resistance** | ~80 - 100 Ohms | Varies slightly based on specific coil sensitivity. |
| **Contact Material** | Silver Alloy (AgSnO2) | Chosen for high conductivity and arc resistance. |
| **Protection** | Resistor (R) | Includes a parallel resistor for EMF suppression. |
---
### 2. Key Internal Components
The part consists of several critical electronic and mechanical sub-assemblies:
#### A. The Electromagnetic Coil
The "012" in the part number signifies a **12V DC coil**. When current flows through this copper winding, it creates a magnetic field that pulls the armature toward the core.
#### B. The Suppression Resistor ("-R")
The **-R** suffix is crucial for electronic circuit safety:
- When the relay is turned off, the collapsing magnetic field creates a high-voltage spike (back-EMF).
- The internal **resistor** dissipates this energy, protecting sensitive upstream electronics (like transistors or ECUs) from damage.
#### C. Contact System
The **X1** designation usually refers to a specific mounting or terminal configuration (often PCB or plug-in terminals). The contacts are designed to handle high inrush currents typical of motors, lamps, or heaters.
---
### 3. Pinout and Circuit Representation
Typically, the device follows a standard ISO-style or mini-relay layout:
```text
[30] ---- (Common Feed)
|
[87] ---- (Load / Normally Open)
|
[85]--[====]--[86]
(Coil)
(Integrated Resistor across 85/86)
```
---
### 4. Common Applications
* **Automotive Systems:** Fuel pump control, cooling fans, and headlight switching.
* **Industrial Automation:** Activating solenoids or small DC motors.
* **Power Distribution:** Logic-level controlled power switching.
---
- ⤷
What is the power consumption of the 12V coil in watts?
- ⤷ How does the resistor suppression compare to diode suppression in this relay?
- ⤷ What are the physical dimensions and mounting styles for the X1 variant?