công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF2-012-R/Q

  • AI
    The **M2VF2-012-R/Q** is a specific part number belonging to the **M2VF series** of High-Voltage Miniature Reed Relays, typically manufactured by companies like **Meder Electronic (now part of Standex Electronics)** or similar specialist reed manufacturers. --- ### 1. Component Overview A Reed Relay combines a reed switch with an electromagnetic coil. It is designed for applications where high isolation voltage and low signal leakage are critical. | Feature | Specification Details | | :--- | :--- | | **Relay Type** | Miniature High-Voltage Reed Relay | | **Contact Form** | 1 Form A (SPST-NO - Normally Open) | | **Coil Voltage** | 12 VDC (Nominal) | | **Isolation Voltage** | Typically up to 2kV - 4kV DC (across contacts) | | **Mounting Type** | Through-hole (PCB) | --- ### 2. Key Electronic Characteristics The part number breakdown provides specific technical details: #### A. Coil Specifications The "012" signifies a **12V nominal coil**. * **Must Operate Voltage:** Usually ~8.4V - 9.0V. * **Must Release Voltage:** Usually ~1.2V - 1.8V. * **Coil Resistance:** Typically ranges between 500Ω to 1000Ω depending on the specific sensitivity variant. #### B. Contact Ratings Reed relays are excellent for low-power signal switching but have strict limits: * **Switching Power:** Usually max 10W - 50W. * **Switching Voltage:** Can handle high DC peaks. * **Switching Current:** Max 0.5A to 1.0A. #### C. Suffix Meanings (-R/Q) * **-R:** Often indicates a **magnetic shield**. This prevents the magnetic field of the relay from interfering with adjacent components and protects the relay from external magnetic fields. * **-Q:** Often denotes a specific **quality or screening standard**, sometimes related to high-reliability testing or specific environmental sealing. --- ### 3. Internal Structure and Operation The device consists of three primary electronic parts internally: 1. **The Reed Switch:** Two ferromagnetic blades hermetically sealed in a glass tube with an inert gas. 2. **The Coil:** Copper wire wrapped around the glass tube to generate a magnetic field when energized. 3. **Encapsulation:** A hard epoxy resin or plastic shell that protects the delicate glass tube from mechanical stress and provides high dielectric insulation. ### 4. Typical Applications * **ATE (Automatic Test Equipment):** Used in pin electronics. * **Medical Equipment:** High isolation is required for patient safety. * **Instrumentation:** Low thermal EMF and high insulation resistance. * **Battery Management Systems (BMS):** Monitoring high voltage strings. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Reed Relay and a standard Electromechanical Relay?
    • ⤷ How do I calculate the flyback diode needed for a 12V Reed Relay coil?
    • ⤷ What are the common failure modes for high-voltage reed relays?