công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF-AA-R2SLASHUL

  • AI
    The **M2VF-AA-R2/UL** is a high-performance, ultra-slim signal conditioner (transducer) manufactured by **M-System**. It is designed to convert an alternating current (AC) input into a standard process signal (DC output), typically used in industrial automation and power monitoring. --- ### 1. Key Technical Specifications The model code follows a specific nomenclature. Here is the breakdown of the electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input (A)** | 0 – 1 A AC | Accepts current from a Current Transformer (CT). | | **Output (A)** | 4 – 20 mA DC | Standard industrial current loop signal. | | **Power Input (R2)** | 11 – 27 V DC | Low voltage DC operation (Ripple 10% p-p max). | | **Accuracy** | ±0.3% | High precision conversion. | | **Response Time** | ≤ 0.5 seconds | Time to reach 90% of the output step. | | **Certification** | UL / cUL | Approved for use in US and Canadian markets. | --- ### 2. Internal Electronic Components & Operation The M2VF series utilizes several stages of electronic processing to ensure signal integrity: 1. **Input Transformer:** Provides primary galvanic isolation and steps down the AC current to a level manageable by the internal circuitry. 2. **Rectifier & Filter Circuit:** Converts the AC waveform into a proportional DC voltage. 3. **Operational Amplifiers (Op-Amps):** Scale and linearize the signal to ensure the output remains proportional to the RMS (Root Mean Square) value of the input. 4. **Optical Isolator:** Provides 2000V AC isolation between the input, output, and power supply to protect PLC/DCS hardware from surges. 5. **Output Driver:** A constant-current circuit that maintains the 4-20mA loop regardless of load resistance (up to 550 $\Omega$). --- ### 3. Physical & Installation Features * **Ultra-Slim Design:** Only 5.9 mm (0.23") wide, allowing for high-density mounting on a DIN rail. * **LED Indicator:** A front-facing power LED indicates the status of the internal DC bus. * **Zero/Span Adjustments:** Accessible potentiometers on the front for field calibration. * **Connection:** Tension-clamp terminals for vibration-resistant wiring. --- ### 4. Circuit Connection Diagram (Conceptual) ```mermaid graph LR A[AC Current Input 0-1A] --> B(Isolation Transformer) B --> C(Rectifier/Signal Conditioning) C --> D(Optical Isolation) D --> E(4-20mA DC Output) F[24V DC Power] --> C F --> E ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance the M2VF-AA-R2 can handle for a 4-20mA output?
    • ⤷ Can this model be used to measure non-sinusoidal AC waveforms?
    • ⤷ How does the 'UL' certification affect the installation requirements for this device?