M2VF-A4W-R2/N
AI

The **M2VF-A4W-R2/N** is a high-performance **Signal Conditioner (Transmitter)** manufactured by M-System. It is specifically designed to convert DC input signals into isolated DC output signals, often used in industrial automation to prevent ground loops and protect control systems.
---
### 1. Key Technical Specifications
Below is a breakdown of the electronic characteristics defined by the model code:
| Component Code | Description | Specifications |
| :--- | :--- | :--- |
| **M2VF** | **Series Name** | Mini-M Series Signal Conditioner (Variable Output) |
| **A4W** | **Input/Output** | Input: 4–20mA DC / Output: 4–20mA DC (Dual Output) |
| **R2** | **Power Input** | 11–27V DC (Ripple 10% p-p max) |
| **N** | **Option** | No special options (Standard configuration) |
---
### 2. Internal Electronic Architecture
The device functions through three primary stages to ensure signal integrity:
1. **Input Stage:**
* Receives the 4-20mA current loop.
* Equipped with a low-impedance shunt resistor to convert current to a proportional voltage.
2. **Isolation Barrier:**
* Uses **Optical or Magnetic Isolation** to separate the input, output, and power circuits.
* Isolation strength is typically **2000V AC** for 1 minute.
3. **Output Stage:**
* An operational amplifier circuit regenerates the signal.
* Features **Zero and Span adjustments** (potentiometers) located on the front panel for field calibration.
---
### 3. Connection Diagram (General)
The unit uses a plug-in socket base (typically 8-pin or 11-pin depending on the specific sub-type).
```markdown
Terminal | Function
---------|-------------------
1 & 2 | Output 1 (+ / -)
3 & 4 | Output 2 (+ / -)
5 & 6 | Input (+ / -)
7 & 8 | Power Supply (L+ / N-)
```
---
### 4. Key Electronic Features
* **High Accuracy:** Typically ±0.1% of span.
* **Temperature Coefficient:** ±0.015%/°C (ensures stability in hot factory environments).
* **Response Time:** Fast response, usually ≤ 0.5 seconds (0 to 90%).
* **Dual Output:** Allows one sensor signal to be sent to two different devices (e.g., a PLC and a local display) simultaneously without interference.
---
- ⤷
What are the wiring differences between the M2VF and M2VS series?
- ⤷ How do I calibrate the Zero and Span on this specific model?
- ⤷ What is the maximum load resistance for the 4-20mA output?