M2VF-A4W-R
AI

The **M2VF-A4W-R** is a specific model within the M2VF series of **compact plug-in signal conditioners** (specifically a V-network isolator or signal transducer) manufactured by **M-System**.
---
## 1. Technical Specifications
This device is designed to accept a DC voltage or current input and provide a proportional DC output, ensuring galvanic isolation between the input, output, and power supply.
| Parameter | Specification |
| :--- | :--- |
| **Model Number** | M2VF-A4W-R |
| **Input Signal (A)** | 4 – 20 mA DC |
| **Output 1 (4)** | 0 – 10 V DC |
| **Output 2 (W)** | 4 – 20 mA DC (Dual Output) |
| **Power Input (R)** | 24V DC |
| **Construction** | Plug-in base socket mount |
| **Isolation** | 3-way (Input to Output to Power) |
---
## 2. Key Electronic Components & Internal Functions
The M2VF series utilizes several critical electronic sub-systems to ensure precision and safety:
### A. Input Stage
* **Precision Shunt Resistor:** For the "A" code (4-20mA), a high-stability resistor converts the current into a small voltage signal.
* **Surge Absorber:** Protects the internal circuitry from transient voltage spikes on the input line.
### B. Isolation Barrier
* **Optical or Transformer Isolation:** Uses high-speed optocouplers or magnetic transformers to physically separate the input loop from the output loop. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges.
### C. Signal Processing
* **Operational Amplifiers (Op-Amps):** Used for zero and span adjustment. These allow the user to calibrate the output to exactly match the input range.
* **Filtering:** Low-pass filters are integrated to remove high-frequency noise from the signal path.
### D. Power Supply Unit
* **DC/DC Converter:** Since the device is powered by 24V DC (Code R), it contains an internal switching regulator to provide stable internal operating voltages (e.g., ±15V or 5V) for the analog circuitry.
---
## 3. Terminal Connection Diagram (Typical)
The unit typically plugs into an 8-pin or 11-pin base.
```text
Pin/Terminal | Function
-------------------------
1 & 2 | Input (+) / (-)
4 & 5 | Output 1 (+) / (-)
3 & 6 | Output 2 (+) / (-)
7 & 8 | Power Supply (L+) / (N-)
```
---
## 4. Operational Summary
The **M2VF-A4W-R** serves as a "bridge" in industrial automation. It takes a single 4-20mA process signal and splits/converts it into two separate signals (one 0-10V and one 4-20mA). This allows one signal to go to a local display while the other goes to a control system, without either circuit interfering with the other due to the **3-way isolation**.
- ⤷
How do I calibrate the Zero and Span on this specific model?
- ⤷ What is the maximum load resistance for the 4-20mA output terminal?
- ⤷ Can this model be mounted on a standard DIN rail?