M2VF-65W-R
AI

The **M2VF-65W-R** is an industrial-grade AC/DC power supply module, typically manufactured by companies like **Volgen (Kaga Electronics)**. It belongs to the M2VF series, known for its compact footprint and high efficiency.
---
## 1. Technical Specifications
Below are the primary electronic characteristics of the M2VF-65W-R:
| Feature | Specification |
| :--- | :--- |
| **Output Power** | 65 Watts |
| **Input Voltage Range** | 85V to 264V AC (Universal Input) |
| **Output Voltage** | Typically 12V, 15V, or 24V DC (Model specific) |
| **Efficiency** | ~88% to 90% |
| **Cooling** | Convection Cooled |
| **Protection** | Overcurrent, Overvoltage, Short Circuit |
---
## 2. Key Electronic Components & Design
The internal architecture of this module consists of several critical stages:
### A. Input Protection and EMI Filtering
* **Fuse:** Provides overcurrent protection at the AC input.
* **Varistor (MOV):** Protects the circuit from high-voltage surges or spikes.
* **EMI Filter (X/Y Capacitors & Choke):** Suppresses electromagnetic interference to comply with global EMC standards.
### B. Rectification and PFC
* **Bridge Rectifier:** Converts the AC input into high-voltage DC.
* **Power Factor Correction (PFC):** Though some smaller 65W units use passive PFC, modern "R" variants often feature active PFC circuits to improve power quality and efficiency.
### C. DC-DC Conversion (Switching Stage)
* **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain a steady output.
* **MOSFET:** High-speed switching transistor that drives the transformer.
* **High-Frequency Transformer:** Provides galvanic isolation between the primary (high voltage) and secondary (low voltage) sides.
### D. Output Filtering
* **Schottky Diodes/Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back to DC.
* **Low ESR Electrolytic Capacitors:** Smooths the voltage ripple to provide clean DC power to the load.
---
## 3. Physical Layout and Connector Types
The "R" suffix often denotes specific mounting or terminal configurations:
1. **Open Frame:** The PCB is exposed for better airflow within an enclosure.
2. **Terminal Block:** Screw terminals or header pins (Molex/JST) are used for input and output connections.
3. **Compact Size:** Usually designed with a 2x3 or 2x4 inch footprint to fit into medical or industrial handheld devices.
---
- ⤷
What is the specific output voltage for the 'R' variant of this model?
- ⤷ What are the safety certifications (like UL or CE) for the M2VF series?
- ⤷ How does the 'R' suffix differ from the standard M2VF-65W model?