M2VF-60-R/Q
AI

The **M2VF-60-R/Q** is a high-performance **VHF Bandpass Filter** typically manufactured by companies like *Eagle Comtronics* or *Microwave Filter Company*. It is primarily used in cable television (CATV) systems, telecommunications, and signal processing to isolate or pass a specific frequency range while rejecting others.
---
### ## Technical Specifications Overview
Below are the core electronic characteristics and technical parameters for the M2VF series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Passband Frequency** | 54 MHz – 88 MHz (VHF Low Band) |
| **Insertion Loss** | ≤ 1.0 dB |
| **Impedance** | 75 Ohms (Standard CATV) |
| **Return Loss** | ≥ 16 dB |
| **Rejection** | ≥ 40 dB (at adjacent frequencies) |
| **Connector Type** | F-Type (Female) |
| **Form Factor** | Cylindrical / Inline |
---
### ### Key Electronic Components and Design
The internal architecture of the M2VF-60-R/Q is built using **Passive LC Network** principles. Here is a breakdown of its electronic composition:
1. **Inductors (L) & Capacitors (C):**
* The unit consists of multiple "poles" or stages. High-quality air-core or surface-mount inductors are paired with high-Q ceramic capacitors to create resonant circuits.
* The **"60"** in the model number often refers to the specific center frequency or bandwidth characteristic optimized for Channel 2/3 or mid-band applications.
2. **Shielding and Housing:**
* The internal components are housed in a nickel-plated brass or aluminum sleeve. This provides **RFI (Radio Frequency Interference) Shielding**, ensuring the filter does not pick up external noise and that its internal signals do not leak.
3. **The "R/Q" Suffix:**
* **R:** Usually denotes **Ruggedized** or Weather-resistant features for outdoor tap installations.
* **Q:** Often indicates a specific **"Quick"** response curve or a proprietary quality standard for high-selectivity filtering (steeper skirts between the passband and stopband).
---
### ### Primary Applications
The M2VF-60-R/Q is utilized in the following electronic environments:
* **Signal Clean-up:** Removing "ghost" signals or noise surrounding the VHF Low band.
* **Headend Combining:** Used in CATV headends to prevent interference between adjacent modulators.
* **MoCA Isolation:** Helping to prevent high-frequency home networking signals from interfering with lower frequency video delivery.
---
### ### Equivalent Circuit Logic
In a simplified representation, the filter acts as a frequency-dependent voltage divider:
```spice
* Simplified Bandpass Representation
IN --[C1]--+--[L1]--+-- OUT
| |
[L2] [C2]
| |
GND GND
```
- ⤷
What is the exact bandwidth range for the M2VF-60 series?
- ⤷ How does the 'Return Loss' value impact signal quality in CATV systems?
- ⤷ Can this filter be used in 50-Ohm radio systems with adapters?