M2VF-5WFW-R2
AI

The **M2VF-5WFW-R2** is a specific model within a series of signal converters or transmitters, typically manufactured by companies like **M-System**. These devices are designed to convert an analog input signal into one or two isolated analog output signals.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The M2VF series belongs to the "Mini-M" family, known for its compact, plug-in socket base design.
| Parameter | Specification |
|:---|:---|
| **Device Type** | Signal Transmitter / Isolator |
| **Housing** | Plug-in style (socket base) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Response Time** | Approx. 25 ms (0 – 90%) |
| **Construction** | Plastic (ABS) |
---
### 2. Part Number Breakdown (M2VF-5WFW-R2)
The suffix codes determine the specific electronic input/output configurations:
* **M2VF**: Series name (Variable Output Transmitter).
* **5**: Input Signal (Typically **0 – 5V DC**).
* **W**: Dual Output (This model provides two independent outputs).
* **F**: Output 1 (Typically **4 – 20mA DC**).
* **W**: Output 2 (Typically **4 – 20mA DC** or custom voltage/current).
* **R**: Power Input (**24V DC**).
* **2**: Design Revision or specific standard (RoHS compliant).
---
### 3. Electronic Components & Features
#### A. Signal Isolation
The device utilizes high-grade **optocouplers** or **magnetic isolation** to separate the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges.
#### B. Output Drive Capability
* **Current Output:** Usually supports a load resistance of up to $750 \Omega$.
* **Voltage Output:** Usually requires a load resistance of $250 \Omega$ or more.
#### C. Adjustability
On the front panel, you will find two specific electronic components for calibration:
1. **Zero Potentiometer:** Adjusts the offset (the low end of the signal).
2. **Span Potentiometer:** Adjusts the gain (the high end of the signal).
---
### 4. Circuit Diagram Representation
The internal architecture generally follows this signal path:
```mermaid
graph LR
A[Input Signal] --> B[Input Circuit / Filter]
B --> C[Isolation Barrier]
C --> D[Output 1 Drive]
C --> E[Output 2 Drive]
F[24V DC Power] --> C
```
---
### 5. Installation Wiring
The electronic connections are made via a terminal socket (typically 8-pin or 11-pin):
* **Terminals 1 & 2:** Output 1 (+ / -)
* **Terminals 3 & 4:** Output 2 (+ / -)
* **Terminals 5 & 6:** Input (+ / -)
* **Terminals 7 & 8:** Power Supply (24V DC)
- ⤷
What are the specific load resistance limits for the Output 2 on this model?
- ⤷ Can this unit be mounted on a standard DIN rail?
- ⤷ Does the M2VF series support 110V AC power input variants?