M2VF-5FW-R2/N
AI

The **M2VF-5FW-R2/N** is a specific model of an **Ultra-Slim Signal Conditioner (V-Unit)** manufactured by **M-System** (now part of MG CO., LTD). It is designed to convert a variable frequency pulse signal into a standard DC output (Voltage or Current).
Below is the technical breakdown of its electronic components and specifications.
---
### 1. Model Code Breakdown
The model name is a shorthand for its electronic configuration:
| Code Segment | Description | Details |
| :--- | :--- | :--- |
| **M2VF** | Series Name | Ultra-slim V-Unit Frequency Transmitter |
| **5** | Input Type | Dry contact or Open collector |
| **FW** | Output Type | Wide-range Output (Field-configurable) |
| **R2** | Power Input | 100 – 240V AC (Operating range 85 – 264V) |
| **N** | Standards | None (Standard version) |
---
### 2. Key Electronic Specifications
This device acts as a **Frequency-to-Analog (F/V or F/I) Converter**.
#### A. Input Section (Frequency)
* **Sensor Type:** Designed for dry contacts (switches) or NPN open collectors.
* **Frequency Range:** Configurable, typically used for ranges between 0 – 0.01 Hz up to 0 – 10 kHz.
* **Detection Level:** It detects the "On/Off" state of the pulse to calculate frequency.
#### B. Output Section (DC Signal)
* **Signal Types:** Can be configured for DC current (e.g., 4–20mA) or DC voltage (e.g., 1–5V, 0–10V).
* **Isolation:** This unit provides **3-way isolation** (Input to Output to Power). This is critical for preventing ground loops and protecting sensitive PLC/DCS inputs.
#### C. Power & Physical
* **Construction:** Slim-line housing (approx. 29mm width) for DIN-rail mounting.
* **Power Consumption:** Approx. 3.5 VA.
* **Response Time:** Fast response, typically $\leq$ 0.5 seconds + 1 cycle of input frequency.
---
### 3. Functional Diagram (Internal Logic)
The internal electronics follow this signal flow:
1. **Input Pulse Shaper:** Receives the raw frequency signal and converts it into a clean square wave.
2. **Microprocessor / Integrator:** Measures the period between pulses or counts pulses per unit of time to determine frequency.
3. **D/A Converter:** Translates the digital frequency value into a proportional analog voltage.
4. **Isolation Transformer:** Opto-isolators or magnetic transformers separate the output signal from the input and power supply.
5. **Output Driver:** Buffers and amplifies the signal to the required industrial level (e.g., 4-20mA).
---
### 4. Technical Summary Table
| Feature | Specification |
| :--- | :--- |
| **Accuracy** | ±0.1% |
| **Temperature Coefficient** | ±0.015% / °C |
| **Insulation Resistance** | 100 M$\Omega$ at 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Mounting** | DIN rail |
- ⤷
What are the specific wiring diagrams for the dry contact input?
- ⤷ How do I calibrate the zero and span for this specific model?
- ⤷ Can this unit be used with a 24V DC power supply instead of AC?