M2VF-5FW-R2
AI

The **M2VF-5FW-R2** is a high-performance **V/F (Voltage-to-Frequency) Converter** produced by **M-System**. It is designed to convert a standard analog DC voltage signal into a pulse frequency signal, typically used for interfacing with PLCs, counters, or remote telemetry units.
---
## 1. Core Technical Specifications
The model number breakdown (M2VF-5FW-R2) indicates specific hardware configurations:
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Input Signal** | 0 – 5V DC | Standard analog voltage range. |
| **Output Signal** | Pulse (Open Collector) | NPN transistor or dry contact output. |
| **Frequency Range** | 0 – 10 kHz (Configurable) | High-speed pulse generation. |
| **Power Input** | 24V DC | Industrial standard low voltage power. |
| **Isolation** | 3-Way Isolation | Isolation between Input, Output, and Power. |
---
## 2. Key Electronic Features
### A. Signal Conversion Logic
The internal circuitry uses a high-precision integrator and comparator loop. The input DC voltage is integrated over time; when the threshold is reached, a pulse is fired, and the integrator resets. This ensures a linear relationship between voltage and frequency.
### B. 3-Way Isolation
This part features 2000V AC isolation. This protects the control system from:
* Ground loops.
* Voltage surges on the input side.
* High-frequency noise interference.
### C. Output Characteristics
The **"FW"** designation often refers to the specific frequency scaling and output type (Open Collector). This allows the device to act as a switch, pulling a load to ground, making it compatible with most digital input cards.
---
## 3. Terminal Connection Diagram (Typical)
```text
Terminal | Function
---------|-------------------
1 | Output (+) Pulse
2 | Output (-) Common
3 | Input (+) 0-5V
4 | Input (-) Common
5 | Power Supply (+)
6 | Power Supply (-)
```
---
## 4. Applications
* **Totalizing Flow Meters:** Converting a 0-5V flow rate signal into pulses for volume accumulation.
* **Remote Monitoring:** Sending frequency signals over long distances (pulses are more resistant to noise than analog voltage).
* **PLC Integration:** Feeding analog data into a high-speed counter module instead of an expensive analog input card.
- ⤷
What are the calibration steps for adjusting the zero and span on the M2VF?
- ⤷ How does the open collector output differ from a voltage pulse output in this model?
- ⤷ What is the maximum response time for signal conversion in the M2VF series?