M2VF-5A-R2/N
AI

The **M2VF-5A-R2/N** is a high-precision, plug-in type signal conditioner (transmitter) manufactured by **M-System**. Its primary function is to convert a V-Network signal (specifically from power measurement devices) into a standard DC output signal.
---
### 1. Key Technical Specifications
| Feature | Specification |
|:---|:---|
| **Model Series** | M2 Series (Plug-in Signal Conditioners) |
| **Input** | V-Network (Specific to M-System power transducers) |
| **Output** | 4 – 20 mA DC (Internal resistance 750 $\Omega$ max.) |
| **Power Supply** | 100 – 240V AC (Operating range 85 – 264V AC) |
| **Accuracy** | ±0.1% of span |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way isolation (Input to output to power) |
---
### 2. Electronic Component Breakdown
The device is composed of several critical electronic stages to ensure signal integrity:
#### A. Signal Input Stage
* **V-Network Interface:** Designed to accept a pulse-train or specialized voltage signal from M-System power sensors.
* **Filtering:** Includes RC low-pass filters to eliminate high-frequency noise from the power lines being monitored.
#### B. Processing & Isolation
* **Isolation Transformer/Opto-couplers:** The "R2" designation implies a robust power supply capable of maintaining 2000V AC isolation for 1 minute. This protects the downstream PLC/DCS from surges.
* **Zero/Span Adjustments:** Located on the front panel, these are multi-turn potentiometers that allow for fine-tuning the analog output calibration.
#### C. Output Stage
* **Current Driver:** A precision operational amplifier circuit that maintains a constant current (4-20mA) regardless of load resistance fluctuations (up to 750 $\Omega$).
* **Protection:** Includes surge protectors to prevent damage from back-EMF or external wiring errors.
---
### 3. Part Number Suffix Decoding
| Suffix | Meaning |
|:---:|:---|
| **M2VF** | Base Model: V-Network Transmitter |
| **5A** | Input: V-Network Signal |
| **R2** | Power Input: 100 – 240V AC |
| **N** | Standards: No special safety approvals (Standard CE/Non-UL) |
---
### 4. Installation & Connection
* **Mounting:** DIN rail or surface mounting using a specialized socket (usually M2-type).
* **Wiring:** Screw terminals are located on the base socket, allowing the electronic module to be replaced ("hot-swapped") without disconnecting wires.
- ⤷
What are the specific wiring diagrams for the M2VF base socket?
- ⤷ Can the 4-20mA output be changed to a 0-10V output via internal jumpers?
- ⤷ What is the power consumption in VA for this specific model?