công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF-54W-R2/N

  • AI
    Based on the part number **M2VF-54W-R2/N**, this component belongs to the **M2 Series** of signal conditioners manufactured by **M-System (now MG CO., LTD.)**. Specifically, it is a **V-Network signal conditioner** designed to interface with potentiometers. --- ### 1. Specification Breakdown The alphanumeric code identifies the specific electrical characteristics of the module: | Code Segment | Description | Details | | :--- | :--- | :--- | | **M2VF** | Model Series | V-Network (Potentiometer) Transmitter | | **5** | Input Signal | Potentiometer (Total resistance 100 $\Omega$ – 10 k$\Omega$) | | **4W** | Output Signal | 4 – 20 mA DC (Load resistance 750 $\Omega$ max.) | | **R2** | Power Input | 11 – 27 V DC | | **N** | Special Option | Standard (No special options) | --- ### 2. Key Electronic Functions The M2VF-54W-R2/N performs three primary electronic tasks: 1. **Potentiometer Interfacing:** It supplies a constant reference voltage to a potentiometer and detects the position (resistance ratio) as a voltage signal. 2. **Signal Linearization & Conversion:** It converts the varying resistance position into a highly accurate, linear 4-20mA current loop signal. 3. **Galvanic Isolation:** It provides **three-way isolation** between the Input, Output, and Power Supply. This protects sensitive control systems (like a PLC) from ground loops or high-voltage surges on the field side. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Isolation** | 2000V AC @ 1 minute (Input to output to power) | | **Accuracy** | $\pm$0.1% | | **Temperature Coefficient** | $\pm$0.015% / °C | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Mounting** | DIN Rail Mounting | | **Housing Material** | Flame-resistant resin (Black) | --- ### 4. Wiring and Terminals The unit typically utilizes a plug-in base with screw terminals. * **Input Terminals:** Connected to the three wires of the potentiometer (CW, CCW, and Wiper). * **Output Terminals:** Positive and Negative poles for the 4-20mA loop. * **Power Terminals:** 24V DC nominal input.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span settings on this module?
    • ⤷ What is the maximum distance the potentiometer can be from the transmitter?
    • ⤷ Can this model be used with a 2-wire resistance input instead of a 3-wire potentiometer?