M2VF-4WA-R
AI

The **M2VF-4WA-R** is a high-performance **Signal Conditioner** (specifically a signal isolator/converter) manufactured by **M-System**. It is part of the Mini-M series, designed to convert a DC input signal into two isolated DC output signals.
---
### 1. Key Technical Specifications
The model number **M2VF-4WA-R** can be decoded as follows:
* **M2VF**: Model series (Signal Conditioner with dual isolated outputs).
* **4**: Input type (0 – 10V DC).
* **W**: Output 1 & 2 (4 – 20mA DC).
* **A**: Power Input (100 – 240V AC).
* **R**: Special high-speed or standard variations (often denotes DC power or specific environmental ratings depending on sub-series, but in this context, it usually relates to the power/response profile).
| Parameter | Specification |
| :--- | :--- |
| **Input Signal** | 0 – 10V DC |
| **Output 1** | 4 – 20mA DC |
| **Output 2** | 4 – 20mA DC |
| **Power Supply** | 100 – 240V AC (Standard Range) |
| **Isolation** | Input to output 1 to output 2 to power |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Mounting** | DIN Rail |
---
### 2. Electronic Components & Internal Architecture
The unit functions through four primary stages to ensure signal integrity and safety in industrial environments:
1. **Input Conditioning Stage**:
* Uses high-precision resistors and operational amplifiers to scale the 0-10V input.
* Includes surge protection to prevent damage from voltage spikes.
2. **Galvanic Isolation (The Core)**:
* **Optical/Magnetic Couplers**: These components transfer the signal across a physical gap using light or magnetic fields. This ensures that electrical noise or a short circuit on the input side does not destroy the PLC or controller on the output side.
* **Isolation Rating**: Usually rated for 2000V AC @1 minute.
3. **Dual Output Driver Stage**:
* Since this is a "W" model (dual output), it contains two independent current-loop drivers.
* Even if one output loop is broken, the other will continue to function correctly.
4. **Power Supply Unit (PSU)**:
* A switching-mode power supply (SMPS) circuit that converts the AC mains into stable DC voltages (typically 15V or 24V) required to run the internal op-amps and isolators.
---
### 3. Application Use-Case
This part is commonly used when a single sensor (like a pressure transducer outputting 0-10V) needs to send data to two different locations simultaneously, such as:
* **Output 1**: To a Local Display/HMI.
* **Output 2**: To a remote PLC or SCADA system.
- ⤷
How do I calibrate the zero and span on the M2VF series?
- ⤷ What is the maximum load resistance for the 4-20mA outputs?
- ⤷ Can this model be used with a 24V DC power supply instead of AC?