M2VF-4W4W-R
AI

The **M2VF-4W4W-R** is a specific model within the **M2VF Series** of plug-in signal conditioners manufactured by **M-System**. It is designed as a signal isolator and transmitter that provides two independent outputs from a single input.
---
### 1. Key Technical Specifications
The model code `M2VF-4W4W-R` breaks down into specific electronic characteristics:
| Code Segment | Description | Detail |
| :--- | :--- | :--- |
| **M2VF** | Series Name | Ultra-slim Signal Conditioner (Plug-in type) |
| **4W** | Input Signal | 0 – 10V DC |
| **4W** | Output 1 & 2 | 0 – 10V DC (Dual independent outputs) |
| **R** | Power Input | 24V DC |
### 2. Electronic Components & Functionality
This device acts as a high-precision interface between field sensors and control systems (like PLCs or DCS).
* **Isolation (3-Port):** The unit provides electronic isolation between the **Input**, **Output**, and **Power** terminals. This prevents ground loops and protects sensitive equipment from surges.
* **Dual Output:** It splits one 0-10V input into two isolated 0-10V outputs. This is electronically useful for sending one signal to a local display and the other to a central controller simultaneously.
* **Signal Conversion:** It utilizes operational amplifiers and galvanic isolation (typically via optoisolators or magnetic coupling) to maintain signal integrity with an accuracy of ±0.1%.
* **Zero/Span Adjustments:** The front panel contains potentiometers (variable resistors) to fine-tune the minimum (zero) and maximum (span) voltage levels.
### 3. Connection Diagram (General)
The electronic wiring is typically structured as follows:
| Terminal | Function | Description |
| :--- | :--- | :--- |
| **1 / 2** | Output 1 | 0-10V DC |
| **3 / 4** | Output 2 | 0-10V DC |
| **5 / 6** | Input | 0-10V DC |
| **7 / 8** | Power Supply | 24V DC (Polarity sensitive) |
---
### 4. Applications
* **Signal Splitting:** Duplicating a voltage signal without loading down the source circuit.
* **Noise Reduction:** Filtering electronic noise from long-distance analog cables.
* **Impedance Matching:** Providing high input impedance to ensure the source sensor is not burdened.
- ⤷What is the maximum load resistance supported by the 0-10V outputs?
- ⤷ Does this model support DIN rail mounting?
- ⤷ Can the input be changed to 4-20mA via internal jumpers?