M2VF-4W1-R
AI

The **M2VF-4W1-R** is a specific model within the **M2VF series** of signal conditioners (transmitters) manufactured by **M-System**. It is primarily used in industrial automation to convert variable frequency signals into standard DC signals.
---
## Technical Specifications Overview
The model number can be broken down to understand its electronic characteristics:
| Code | Component | Description |
| :--- | :--- | :--- |
| **M2VF** | Base Model | Frequency Transmitter (converts pulse to analog) |
| **4W** | Input Type | Contact or Voltage Pulse (Wide range) |
| **1** | Output | 4 to 20 mA DC |
| **R** | Power Input | 24V DC |
### 1. Input Circuitry (Frequency Interface)
The "4W" designation indicates a versatile input stage capable of handling various pulse types:
* **Dry Contact:** Mechanical switches or relay contacts.
* **Voltage Pulse:** Supports square waves or sine waves (typically from proximity sensors or flow meters).
* **Frequency Range:** Configurable, usually ranging from very low (0.1 Hz) up to high-speed pulses (up to 100 kHz depending on settings).
### 2. Signal Isolation
This part features **Three-Way Isolation**. The electronic architecture ensures that the following sections are galvanically separated:
* **Input to Output**
* **Input to Power**
* **Output to Power**
* *Benefit:* This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side.
### 3. Output Stage
The "1" indicates a standard **4-20mA current loop** output.
* **Load Resistance:** Typically supports up to 550 $\Omega$.
* **Linearity:** The electronics ensure a linear relationship between the input frequency and the output current (e.g., 0Hz = 4mA, Max Hz = 20mA).
### 4. Physical and Power Characteristics
* **Power Supply (R):** Operates on 24V DC (±10%), common in control cabinets.
* **Form Factor:** Plug-in socket mount (typically uses the M-System 8-pin or 11-pin base).
* **Adjustments:** Contains "Zero" and "Span" potentiometers (trimmers) on the front panel for field calibration.
---
## Electronic Block Diagram Logic
```mermaid
graph LR
A[Frequency Input] --> B[Opto-Isolator]
B --> C[F/V Converter Circuit]
C --> D[Isolation Barrier]
D --> E[Current Driver 4-20mA]
F[24V DC Power] --> G[DC/DC Converter]
G --> B
G --> D
```
### Typical Applications
* **Flow Measurement:** Converting pulses from a turbine flow meter to a 4-20mA signal for a PLC.
* **Motor Speed:** Converting pulses from an encoder or proximity switch on a shaft into a speed reference signal.
- ⤷
How do I calibrate the Zero and Span for the M2VF-4W1-R?
- ⤷ What are the specific voltage pulse thresholds for the '4W' input type?
- ⤷ Can this module be used with a 3-wire NPN proximity sensor?