công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF-3Z-R/

  • AI
    The **M2VF-3Z-R** is a specific electronic component, typically categorized as a **Solid State Timer** or **Time Delay Relay**, often manufactured by companies like *Fine Suntronics* or similar industrial automation brands. Below is a breakdown of its technical specifications and electronic architecture. ### 1. General Overview The M2VF series is designed for DIN rail mounting and is used to control the timing of electrical circuits in industrial automation. The "3Z" designation typically refers to the output contact configuration, and "R" often denotes the specific voltage or reset functionality. ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Device Type** | Multi-Range Analog Timer (Off-Delay or On-Delay) | | **Contact Configuration** | 3PDT (3 Form C) - 3 Changeover contacts | | **Rated Voltage** | Typically 24-240V AC/DC (Universal) or specific 220VAC | | **Contact Rating** | 5A @ 250VAC (Resistive Load) | | **Time Ranges** | Selectable (e.g., 0.1s to 30h depending on dial settings) | | **Mounting Type** | 11-Pin Plug-in or DIN Rail | | **Indication** | LED status for Power and Output | --- ### 3. Key Electronic Components The internal circuitry of the M2VF-3Z-R consists of several functional blocks: #### A. Power Supply Block * **Transformerless Dropper/Switching Circuit:** Converts high-voltage AC/DC input into low-voltage DC (usually 12V or 24V) to power the internal logic. * **Rectifier Bridge:** Ensures the device can handle both AC and DC polarities. #### B. Timing Logic (The "Brain") * **RC Oscillator or ASIC:** Older models use an RC (Resistor-Capacitor) timing circuit, while modern versions use a dedicated CMOS IC or a small microcontroller for high precision and repeatability. * **Potentiometer:** A variable resistor on the front face allows the user to adjust the time delay by changing the charging rate of the timing capacitor or the clock frequency of the IC. #### C. Output Stage * **Electromechanical Relay:** Even though the timing is electronic, the output is a mechanical relay capable of switching industrial loads. * **Driver Transistor:** A small NPN/PNP transistor or Darlington pair that triggers the relay coil based on the logic signal. --- ### 4. Terminal Configuration (11-Pin Layout) The "3Z" indicates three sets of changeover contacts. The typical pinout for an 11-pin base is: 1. **Power Input:** Pins 2 and 10. 2. **Common Contacts:** Pins 1, 6, and 11. 3. **Normally Closed (NC):** Pins 4, 5, and 8. 4. **Normally Open (NO):** Pins 3, 7, and 9. --- ### 5. Application Usage * **Motor Starters:** Managing Star-Delta transitions. * **Conveyor Belts:** Sequential starting of motors to prevent power surges. * **HVAC Systems:** Delaying compressor starts to prevent short-cycling.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M2VF '3Z' and '2Z' models?
    • ⤷ How do I wire the M2VF-3Z-R for an 'Off-Delay' operation?
    • ⤷ What is the maximum switching frequency for this relay?