công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF-01A-R2/Q

  • AI
    The **M2VF-01A-R2/Q** is a high-performance signal conditioner (transducer) manufactured by **M-System**. This specific model is designed to convert an AC voltage input into a standard DC output signal, providing electrical isolation between the input, output, and power source. --- ### 1. Component Specifications The model name follows a specific nomenclature that defines its electronic capabilities: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | AC Voltage | Typically used for monitoring power lines or AC generators. | | **Output Signal** | 4 - 20 mA DC | Standard industrial current loop output. | | **Power Input** | 24V DC | Low voltage DC power supply requirement. | | **Isolation** | 3-Way Isolation | Isolates Input, Output, and Power (up to 2000V AC). | | **Accuracy** | ±0.3% | High precision for industrial monitoring. | --- ### 2. Key Electronic Features #### A. Signal Conditioning Chain 1. **Input Transformer:** The AC voltage is first stepped down and isolated via an internal transformer to ensure safety and prevent common-mode noise. 2. **Rectification & Filtering:** The AC waveform is converted into a stable DC level. 3. **Amplification:** The signal is scaled to the desired range (e.g., 0-150V AC input mapped to 4-20mA DC output). 4. **Output Driver:** A constant-current circuit ensures the 4-20mA signal remains accurate regardless of the load resistance (up to a specific limit). #### B. The "/Q" Option (Quality/Special Specs) The `/Q` suffix indicates a **Special Specification** or custom configuration. This often implies: * **Conformal Coating:** Protection against moisture and dust for harsh environments. * **Specific Testing:** Custom calibration reports or burn-in testing. * **Labeling:** Unique tagging for specific industrial projects. --- ### 3. Application and Connection This device is commonly used in **SCADA** systems or **PLC** setups to monitor the health of electrical motors or the status of the electrical grid. ```mermaid graph LR AC_Source(AC Voltage Input) --> M2VF(M2VF-01A-R2/Q) M2VF --> DC_Out(4-20mA DC Output) Power(24V DC Power) --> M2VF ``` --- ### 4. Technical Comparison: M2VF Series | Model Variant | Input Type | Response Time | Mounting | | :--- | :--- | :--- | :--- | | **M2VF** | AC Voltage | ≤ 0.5 sec | DIN Rail | | **M2VF-1** | AC Voltage | ≤ 25 msec (Fast) | DIN Rail |
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring terminals for the 24V DC power input on this model?
    • ⤷ What is the maximum allowable load resistance for the 4-20mA output?
    • ⤷ How does the '/Q' suffix specifically affect the warranty or calibration certificate?