M2VF-015W-R2
AI

The **M2VF-015W-R2** is a specific model of an **M-System (now MG CO., LTD.) Signal Conditioner**. It is part of the M2 Series (Mini-M) which is designed for high-density mounting on DIN rails.
Below is an explanation of its electronic components, functions, and technical specifications.
---
## 1. Device Overview
The M2VF-015W-R2 is a **Variable Output Signal Conditioner** (often referred to as a signal isolator or transmitter). Its primary purpose is to receive a DC voltage or current input and convert it into a proportional DC output while providing galvanic isolation.
### Part Number Breakdown
| Code | Meaning |
| :--- | :--- |
| **M2** | Series Name (Mini-M Series) |
| **VF** | Model Type (Variable Output Transmitter) |
| **0** | Input Signal (Special/Custom or standard voltage range) |
| **1** | Output 1 (e.g., 0 – 10V DC) |
| **5** | Output 2 (e.g., 4 – 20mA DC) |
| **W** | Power Input (24V DC) |
| **R2** | Refined version/Revision code |
---
## 2. Key Electronic Features
### A. Isolation Circuitry
The device employs **3-way isolation** between the:
1. **Input**
2. **Output**
3. **Power Supply**
This is achieved using high-frequency transformers (magnetic isolation) or optocouplers. This protects sensitive PLC/DCS inputs from ground loops and high-voltage surges.
### B. Signal Conditioning Logic
The internal circuitry consists of:
* **Input Amplifier:** Scales the incoming sensor signal.
* **Zero/Span Adjustment:** Potential meters (trimmers) located on the front of the unit to calibrate the low and high ends of the signal.
* **Voltage-to-Current Converter:** If the output is 4-20mA, internal Op-Amps manage the drive capability for long-distance transmission.
### C. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Construction** | Plug-in structure for DIN rail mounting |
| **Power Input** | 24V DC (approx. 100mA) |
| **Isolation Resistance** | 100 MΩ or more with 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
---
## 3. Wiring Configuration
The M2VF usually features an 8-pin base. Typical wiring includes:
```text
Pin 1: Output 1 (+)
Pin 2: Output 1 (-)
Pin 3: Input (+)
Pin 4: Input (-)
Pin 5: Output 2 (+)
Pin 6: Output 2 (-)
Pin 7: Power (+) 24V DC
Pin 8: Power (-) 0V DC
```
---
## 4. Maintenance and Calibration
The "R2" revision often features improved thermal stability. To calibrate the electronic output:
1. Apply the minimum input signal (e.g., 0V) and adjust the **ZERO** trimmer until the output is correct.
2. Apply the maximum input signal (e.g., 10V) and adjust the **SPAN** trimmer.
3. Repeat to ensure linearity across the electronic range.
- ⤷
What is the difference between the 'W' and 'M2' power supply options for this series?
- ⤷ How does 3-way isolation prevent ground loops in industrial circuits?
- ⤷ Can the M2VF handle bipolar input signals like -10V to +10V?