công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF-014W-R2/Q

  • AI
    The **M2VF-014W-R2/Q** is a specific model identifier typically associated with **refrigeration compressors**, specifically part of the **Maneurop/Danfoss** or related industrial cooling series (often found in commercial refrigeration units). Below is a breakdown of the electronic and electromechanical components typically associated with this part. --- ### 1. Technical Specifications Overview This component is a reciprocating compressor designed for low or medium-pressure applications. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Hermetic Reciprocating Compressor | | **Voltage/Phase** | 208-230V / 1-Phase (usually 60Hz) | | **Refrigerant Compatibility** | R134a, R404A, R507 | | **Application** | Low/Medium Back Pressure (LBP/MBP) | | **Cooling Capacity** | ~1/4 to 1/2 HP (Variable by exact suffix) | --- ### 2. Key Electronic & Electrical Components The "electronics" of this unit primarily consist of the starting mechanism and motor protection systems: #### A. The Induction Motor * **Stator & Rotor:** The internal electrical heart of the device. It uses copper windings that must maintain high insulation resistance to prevent "grounding." * **Thermal Overload Protector (Top):** An internal or external bimetallic switch that breaks the electrical circuit if the compressor temperature or current draw exceeds safe limits. #### B. The Electrical Starter Kit Since this is a single-phase motor, it requires auxiliary components to start: * **Start Capacitor:** Provides the initial torque required to get the motor spinning against the pressure of the refrigerant. * **Run Capacitor:** (In CSR - Capacitor Start Run models) Increases motor efficiency and smooths out the electrical load during operation. * **Potential Relay / PTCR:** A switching device that disconnects the start capacitor once the motor reaches approximately 75% of its rated speed. #### C. Terminal Board (The "Q" Suffix) The suffix often refers to the electrical connection style: * **Spade Terminals:** Quick-connect tabs for easy wiring. * **Protective Cover:** A plastic housing that prevents moisture and dust from shorting the electrical pins. --- ### 3. Wiring Diagram Logic The unit typically follows a **CSIR (Capacitor Start Induction Run)** or **CSR (Capacitor Start Run)** configuration: 1. **Common (C):** Connected to the power source via the overload protector. 2. **Start (S):** Connected to the start capacitor and relay. 3. **Run (R):** Connected directly to the main power line. --- ### 4. Maintenance & Diagnostic Indicators | Electrical Issue | Symptom | Possible Cause | | :--- | :--- | :--- | | **High Amperage** | Breaker trips | Shorted windings or seized mechanical parts. | | **Humming (No Start)** | Compressor gets hot | Failed Start Capacitor or Relay. | | **Infinite Resistance** | No continuity between pins | Blown internal thermal overload. | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific capacitor ratings required for the M2VF-014W-R2/Q?
    • ⤷ How do I test the resistance of the start and run windings on this compressor?
    • ⤷ Is this model compatible with inverter-driven variable speed controllers?