công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2VF-00-RMSLASHUL

  • AI
    Based on the part number provided, this appears to be a specific configuration of a **Signal Conditioner / Signal Isolator** from the **M2VF Series** (often manufactured by M-System). These devices are used in industrial automation to convert, isolate, and transmit analog signals. Below is a breakdown of the electronic specifications and part nomenclature for the **M2VF-00-R/M/UL**. ### 1. Part Number Breakdown | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | **M2VF** | Ultra-Slim Signal Conditioner (Plug-in type) | | **Input** | **0** | Range is typically 0 - 10V DC (or as specified per data sheet) | | **Output** | **0** | Range is typically 0 - 10V DC (or as specified per data sheet) | | **Power Supply** | **R** | 24V DC Power Input | | **Mounting** | **M** | M3.5 Screw Terminal block | | **Safety Standard** | **UL** | UL/cUL recognized component | --- ### 2. Key Electronic Specifications The M2VF series is designed for high-density mounting and electrical protection between the sensor/input device and the PLC/Controller. * **Isolation Structure:** 3-way isolation (Input to Output to Power). * **Isolation Resistance:** 100 MΩ or more with 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground). * **Accuracy:** Typically ±0.1% of span. * **Response Time:** Approximately 25 milliseconds (0 – 90%). --- ### 3. Connection and Installation The device uses a **Plug-in Base**, allowing the electronic module to be replaced without disconnecting the wiring from the terminal block. | Terminal | Function | | :--- | :--- | | **1 & 2** | Input Signal (+ / -) | | **3** | Ground (GND) | | **4 & 5** | Output Signal (+ / -) | | **7 & 8** | Power Supply (24V DC) | --- ### 4. Application Use-Cases * **Ground Loop Elimination:** Preventing electrical noise when the sensor and the controller have different ground potentials. * **Signal Conversion:** Converting a high-voltage analog signal into a range compatible with a PLC. * **Signal Boosting:** Providing high-drive capacity for signals traveling over long distances. ---
    ✨ Follow-up Questions
    • ⤷ Does this model support 4-20mA input instead of 0-10V?
    • ⤷ What is the specific DIN-rail width required for the M2VF series?
    • ⤷ Can this unit be calibrated in the field using zero/span adjustments?