M2VF-00-R2/CE
AI

The **M2VF-00-R2/CE** is a high-performance **Signal Conditioner** (specifically a V-Network Transmitter) manufactured by **M-System**. It is designed to convert a DC voltage or current input signal into a standard process signal while providing galvanic isolation.
---
### ## Technical Specifications
The following table outlines the primary electronic characteristics of the M2VF-00-R2/CE model:
| Parameter | Specification |
| :--- | :--- |
| **Model Type** | M2-Unit Series Signal Conditioner |
| **Input Signal** | 0 – 10V DC (Configurable) |
| **Output Signal** | 4 – 20mA DC |
| **Power Input** | 100 – 240V AC (R2 designation) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Construction** | Plug-in base socket mount |
---
### ### Key Electronic Components & Design
1. **Isolation Barrier (3-Way Isolation):**
The device utilizes internal optoisolators or magnetic transformers to separate the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges.
2. **R2 Power Module:**
The "R2" suffix indicates a wide-range AC power supply. Internally, it uses a switching regulator to handle fluctuations between 100V and 240V AC, ensuring a stable internal DC voltage for the signal processing components.
3. **Adjustment Potentiometers:**
The front panel features multi-turn trimmers for **ZERO** and **SPAN** adjustments. These allow for fine-tuning the calibration to account for line resistance or specific sensor offsets.
4. **CE Compliance (CE Suffix):**
The "CE" marking indicates that the internal electronics are shielded and filtered to comply with European Electromagnetic Compatibility (EMC) standards and Low Voltage Directives.
---
### ### Terminal Configuration
The device uses a standard 8-pin or 11-pin base. Below is a typical wiring logic for this series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1 & 2** | Output (+) / (-) | Connected to the receiving instrument (e.g., PLC) |
| **4 & 5** | Input (+) / (-) | Connected to the source signal (e.g., Sensor) |
| **7 & 8** | Power U (+) / V (-) | AC Power supply connection |
---
### ### Application Use Case
This part is typically used in industrial automation where a high-voltage DC signal needs to be converted into a current loop (4-20mA) for long-distance transmission without noise interference.
- ⤷
How do I calibrate the Zero and Span on the M2VF model?
- ⤷ What are the specific environmental operating temperature limits for this device?
- ⤷ Can this model be mounted on a standard DIN rail?