M2VF-00-R/N
AI

The **M2VF-00-R/N** is a specific model of a signal converter (isolator) belonging to the **M2 Series** manufactured by **M-System** (now part of MG CO., LTD). These devices are industrial-grade components used for signal conditioning and isolation.
---
### 1. General Specifications
The model code `M2VF-00-R/N` breaks down into specific technical parameters:
| Component Code | Description |
| :--- | :--- |
| **M2VF** | **Function:** Variable Loop-powered Isolator (Voltage/Current Input) |
| **00** | **Input/Output:** Configurable (Standard factory default) |
| **R** | **Power Input:** 24V DC |
| **N** | **Standard/Certification:** No special certifications (Standard model) |
### 2. Key Electronic Features
The M2VF is designed to provide electrical isolation between input and output circuits to prevent ground loops and protect sensitive control equipment (like PLCs).
* **Signal Isolation:** 3-way isolation (Input to Output to Power).
* **High Accuracy:** Typically ±0.1% or better.
* **Response Time:** Fast response (≤ 0.5 seconds for 0–90% transition).
* **Dielectric Strength:** Usually rated at 2000V AC for 1 minute.
* **Mounting:** Standard DIN-rail mounting for industrial cabinets.
### 3. Wiring Terminal Configuration
The device uses a plug-in socket base. Below is a general representation of the electronic connections:
| Terminal No. | Function | Description |
| :--- | :--- | :--- |
| 1 | Output (+) | Positive DC output signal |
| 2 | Output (-) | Negative DC output signal |
| 4 | Input (+) | Positive DC input signal |
| 5 | Input (-) | Negative DC input signal |
| 7 | Power (+) | 24V DC Positive |
| 8 | Power (-) | 24V DC Negative |
---
### 4. Technical Summary Table
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage** | 24V DC (±10%) |
| **Input Impedance** | Voltage: 1MΩ min; Current: 250Ω (standard) |
| **Output Load Resistance** | Current output: 750Ω max; Voltage output: 2mA max |
| **Operating Temp** | -5 to +55°C (23 to 131°F) |
| **Housing Material** | Flame-resistant resin (Black) |
---
- ⤷
How do I calibrate the Zero and Span settings on the M2VF-00-R/N?
- ⤷ What is the difference between the 'R' and 'K' power codes for this series?
- ⤷ Can this model handle both 4-20mA and 0-10V signals?