AI

The **M2UDS2-K0-R/N** is a specific model of a **Plug-in Digital Multi-Unit** (Multi-Power Monitor) manufactured by **M-System** (now part of MG CO., LTD). It is designed to measure and monitor various electrical parameters in power distribution systems.
---
### 1. Key Technical Specifications
The model string identifies the hardware configuration and input/output capabilities:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2UDS2 (Multi-Power Monitor) |
| **Input Type** | 3-phase, 3-wire system (Standard) |
| **Current Input** | 1A / 5A AC (selectable via CT) |
| **Voltage Input** | 110V / 220V AC |
| **Power Supply** | 100 – 240V AC or 108 – 264V DC |
| **Output Type** | Modbus-RTU (RS-485) and Analog Outputs |
---
### 2. Functional Electronic Components
The unit is composed of several sophisticated electronic subsystems to ensure high-precision measurement:
* **A/D Conversion Circuitry:** High-resolution Analog-to-Digital converters handle the simultaneous sampling of voltage and current waveforms to calculate True RMS values.
* **Microprocessor (MCU):** An onboard processor calculates active power, reactive power, apparent power, power factor, and frequency based on the raw sampled data.
* **Isolation Barrier:** Optical or magnetic isolation is used between the high-voltage inputs and the low-voltage communication/output ports to ensure safety and signal integrity.
* **Communication Interface:** Features an RS-485 transceiver supporting the Modbus-RTU protocol for integration into PLC or SCADA systems.
* **Display Module:** A built-in LCD or LED display (depending on the specific chassis) provides local readout of measured values.
---
### 3. Parameters Measured
This electronic part is capable of calculating and transmitting the following data points:
1. **Voltage:** (V12, V23, V31)
2. **Current:** (I1, I2, I3)
3. **Power:** Active (kW), Reactive (kvar), Apparent (kVA)
4. **Energy:** Active (kWh), Reactive (kvarh)
5. **Quality:** Power Factor (cos φ) and Frequency (Hz)
---
### 4. Wiring and Terminal Layout
Standard electronic integration requires following this general pin configuration:
```text
Terminal | Function
---------|---------------------------
1 - 2 | Auxiliary Power Supply
3 - 4 | Voltage Input (U1, U2)
5 - 6 | Current Input (I1)
7 - 8 | RS-485 (A, B) Communication
```
---
- ⤷What is the communication protocol used by the M2UDS2 series?
- ⤷ Can this unit be used for single-phase systems?
- ⤷ What are the mounting requirements for this specific module?