M2UDS2-GWA-R/CE
AI

Based on the technical designation, the **M2UDS2-GWA-R/CE** is a high-performance **Super-Miniature Digital Indicator** or **Signal Conditioner** (typically manufactured by M-System / MG CO., LTD.).
These devices are used to convert analog signals into digital displays and isolated output signals in industrial automation.
---
### 1. Technical Specifications Overview
| Feature | Specification |
|:---|:---|
| **Model Series** | M2UDS (Ultra-Slim Signal Conditioner) |
| **Input Type** | DC Current / Voltage (Universal) |
| **Output Type** | Dual Output (typically 4-20mA or 1-5V DC) |
| **Power Supply** | 100 – 240V AC (indicated by "G") |
| **Accuracy** | ±0.1% of span |
| **Isolation** | 3-Way Isolation (Input to Output to Power) |
| **Housing** | Plug-in socket type (M2 series) |
---
### 2. Electronic Component Breakdown
The internal circuitry of the M2UDS2-GWA-R/CE consists of several critical functional blocks:
#### A. Power Supply Stage ("G" Designation)
* **Switching Mode Power Supply (SMPS):** Converts the 100-240V AC input into stable DC voltages (usually 5V or 12V) for internal ICs.
* **Protection:** Includes surge absorbers and fuses to handle industrial electrical noise.
#### B. Input Signal Processing
* **A/D Converter:** High-resolution Analog-to-Digital converter that samples the incoming sensor signal (e.g., 4-20mA).
* **Microprocessor:** Manages the linear conversion, scaling, and digital filtering to ensure the display reflects accurate real-world values.
#### C. Output and Isolation
* **Opto-Isolators:** These provide electrical separation between the field sensors and the control system (PLC/DCS). This prevents ground loops and protects sensitive equipment from high-voltage spikes.
* **D/A Converter:** Converts the processed digital data back into an isolated analog output signal.
#### D. User Interface (Display)
* **LED/LCD Module:** A 4-digit (typically) display showing the process variable.
* **Configuration Keys:** Located on the front panel to set zero/span and alarm trip points.
---
### 3. Model Code Deciphering
| Code | Meaning |
|:---:|:---|
| **M2UDS2** | Series name: Ultra-slim digital indicator with 2 outputs. |
| **G** | Power requirement: 100 – 240V AC. |
| **W** | Dual Output capability. |
| **A** | Output 1: 4 – 20 mA DC. |
| **R** | Output 2: 1 – 5 V DC (or specific resistance variation). |
| **CE** | European Conformity (Safety and EMC standards). |
---
### 4. Typical Connection Diagram
```mermaid
graph LR
A[Sensor 4-20mA] --> B(Input Terminals)
B --> C{Isolation Barrier}
C --> D[Microprocessor]
D --> E[LED Display]
D --> F[Output 1: 4-20mA]
D --> G[Output 2: 1-5V]
H[100-240V AC] --> I[Internal Power Unit]
I --> D
```
- ⤷
What are the specific wiring terminal numbers for the power supply on this model?
- ⤷ Can the input range be reconfigured via the front buttons?
- ⤷ What is the dielectric strength rating for the isolation barrier in this device?