công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS2-GW2-R2/N

  • AI
    The **M2UDS2-GW2-R2/N** is a specific model within a series of industrial signal conditioners or transducers, typically manufactured by companies like **M-System** (now MG CO., LTD). This specific model is a **Potentiometer Transmitter**, designed to convert a resistance-based position signal into a standardized industrial signal. --- ### 1. Key Technical Specifications Based on the model nomenclature, here is a breakdown of its primary electronic characteristics: | Component/Feature | Specification | | :--- | :--- | | **Input Signal** | Potentiometer (Resistance position) | | **Output Signal** | 4 – 20 mA DC (Current Loop) | | **Power Input** | 100 – 240V AC (indicated by /N or /M variant) | | **Response Time** | Approximately 0.5 seconds | | **Accuracy** | ±0.1% of span | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Functional Electronic Sections The device consists of three primary internal electronic stages: #### A. Input Conditioning (Front End) * **Reference Voltage:** The device provides a stable DC voltage to the potentiometer. * **Sensor Excitation:** It measures the wiper position of the potentiometer. * **Burnout Protection:** Includes circuitry to detect if the potentiometer wire breaks (upscale or downscale burnout). #### B. Isolation Barrier * **Galvanic Isolation:** This model typically features **3-way isolation** (Input to Output to Power). * **Purpose:** Prevents ground loops, protects sensitive PLC/DCS inputs from high-voltage surges, and reduces electrical noise. #### C. Output Driver * **Linearization:** Converts the linear resistance change into a linear current signal. * **Zero/Span Adjustments:** On the front panel, there are multi-turn potentiometers (trimmers) to calibrate the 0% and 100% signal levels. --- ### 3. Wiring Configuration The following table outlines the standard terminal connections for this series: | Terminal Number | Function | Description | | :--- | :--- | :--- | | **1 - 2** | Output (+) / (-) | 4-20mA Signal to Controller | | **3 - 4** | Power Supply | AC Mains (L / N) | | **5** | Potentiometer (H) | High side of the resistor | | **6** | Potentiometer (S) | Wiper (Slider) | | **7** | Potentiometer (L) | Low side of the resistor | --- ### 4. Application Example This part is commonly used in heavy machinery to track the position of a valve, a hydraulic cylinder, or a float level sensor where a physical potentiometer is the primary measuring element. ```text [Sensor: Potentiometer] -> [M2UDS2-GW2-R2/N] -> [PLC: 4-20mA Input] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific calibration steps for the zero and span trimmers?
    • ⤷ How does the 'burnout' protection function in this specific model?
    • ⤷ Can this unit be powered by 24V DC instead of AC?