công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS2-GW2-R2

  • AI
    The **M2UDS2-GW2-R2** is a specialized electronic component, typically classified as a **Digital Potentiometer** or a **Programmable Voltage/Current Transducer** within industrial automation ecosystems (specifically associated with brands like M-System or similar precision instrumentation manufacturers). Below is a breakdown of its electronic characteristics and functional parts. --- ### 1. Technical Specifications Overview The internal circuitry is designed to convert digital signals or manual inputs into a precise analog output (typically 4-20mA or 1-5V DC). | Feature | Specification (Typical) | | :--- | :--- | | **Input Type** | Remote Up/Down pulse or contact signals | | **Output Type** | DC Voltage or Current (e.g., 4-20mA) | | **Power Supply** | Usually 100-240V AC or 24V DC (Model specific) | | **Response Time** | $\leq$ 0.5 seconds | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Accuracy** | $\pm$0.1% of span | --- ### 2. Key Internal Electronic Sections #### A. Microprocessor Control The "brain" of the unit is a low-power microcontroller (MCU). It interprets the "Up" and "Down" input pulses to increment or decrement a digital value stored in non-volatile memory. This ensures that if power is lost, the device "remembers" its last output position. #### B. Digital-to-Analog Converter (DAC) The core electronic part is a high-resolution DAC. It converts the digital value from the MCU into a stable, low-noise analog voltage. * **Precision:** Often 12-bit or 16-bit to ensure smooth transitions between output steps. #### C. Isolation Circuitry To protect the control system from industrial noise and surges, the M2UDS2-GW2-R2 utilizes: * **Optocouplers:** For signal isolation between input and output. * **Isolation Transformer:** To separate the power supply from the sensing electronics. #### D. Output Driver (Power Stage) This section consists of operational amplifiers (Op-Amps) and transistors (often MOSFETs) configured to provide a constant current or voltage, regardless of the load resistance (up to a specific limit). --- ### 3. Connection Pinout Logic The device usually utilizes a plug-in base (often 8-pin or 11-pin). | Pin Category | Function | | :--- | :--- | | **Power** | Connection to AC or DC source. | | **UP Input** | Closes circuit to increase output value. | | **DOWN Input** | Closes circuit to decrease output value. | | **Output (+/-)** | The analog signal sent to a PLC or Motor Drive. | --- ### 4. Application Context The "R2" suffix often denotes a specific configuration, such as a **Dual Output** or a specific **Reference Power Supply** version. These units are commonly used as "Manual Loaders" where an operator adjusts a valve or motor speed using buttons rather than a physical rotary knob.
    ✨ Follow-up Questions
    • ⤷ How do you wire the 'Up/Down' inputs for a 24V DC control system?
    • ⤷ What is the difference between the R2 and the R versions of this model?
    • ⤷ How can the memory function be reset to zero on power-up?