công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS2-FW2-R/N

  • AI
    The **M2UDS2-FW2-R/N** is a specific model of a **Digital Multi-Unit (Bar Graph Indicator)** manufactured by **M-System** (now known as MG CO., LTD.). This device is designed to receive analog signals and display them both numerically and as a visual bar graph for industrial process monitoring. Below is the breakdown of its electronic parts and specifications based on the model nomenclature. --- ## 1. Model Code Breakdown The suffix `FW2-R/N` defines the core electronic components and functional capabilities of the unit: | Code Segment | Description | Electronic Meaning | | :--- | :--- | :--- | | **M2UDS2** | Base Model Series | Dual-channel bar graph indicator (1/8 DIN size). | | **F** | Input Signal | **Floating / DC Input**. Typically configurable for 4–20mA or 0–10V. | | **W2** | Display Type | **Two-pen (Dual) display**. It monitors two separate electronic loops simultaneously. | | **R** | Power Input | **24V DC** power supply requirement. | | **N** | Option | **No alarm output**. This unit is for monitoring only, lacking internal relay coils. | --- ## 2. Key Electronic Components & Systems ### A. Input Circuitry (Front-End) * **A/D Converter:** Converts the incoming analog voltage or current (e.g., 4-20mA) into a 12-bit or 14-bit digital signal for the microprocessor. * **Isolation Transformer:** High-quality galvanic isolation (usually up to 2000V AC) between the input, power, and display circuits to prevent ground loops. * **Precision Resistors:** Internal shunt resistors (usually 250Ω for current inputs) to convert current to voltage. ### B. Processing Unit * **Microprocessor (MCU):** Scalable logic that allows the user to program "Zero" and "Span" settings via the front panel buttons. It handles the linear interpolation of the input signal to the display percentage. ### C. Display Technology * **LED Bar Graph:** A high-brightness LED array (usually 101 segments) utilized to represent 0-100% of the process variable. * **Digital Indicator:** 4-digit red or green LED display for precise numerical values. ### D. Power Supply Module * **DC-DC Converter:** Since the model is marked **"R"**, it contains an internal switching regulator designed to accept 24V DC and step it down to the 5V or 3.3V required for the internal logic. --- ## 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Power Consumption** | Approx. 3W | | **Input Impedance** | 1MΩ for Voltage; 250Ω for Current | | **Sampling Rate** | Approx. 100ms - 500ms | | **Isolation Resistance** | 100MΩ or more with 500V DC | | **Operational Temp** | -5 to +55°C | --- ## 4. Connection Diagram (Standard) The electronic terminals on the back are typically assigned as follows: ```text [Power Supply] Terminals 12 (+) & 13 (-): 24V DC Input [Input 1] Terminals 1 (+) & 2 (-): Analog Signal 1 [Input 2] Terminals 3 (+) & 4 (-): Analog Signal 2 ``` ---
    ✨ Follow-up Questions
    • ⤷ Does this model support 4-20mA input without external resistors?
    • ⤷ How do I calibrate the zero and span on the M2UDS2?
    • ⤷ What is the difference between the R and M power supply options for this device?