M2UDS2-FW0-R2
AI

The **M2UDS2-FW0-R2** is a specific model within the **IDEC TWND Series** of industrial control units. Specifically, it is a **30mm selector switch** designed for heavy-duty industrial environments.
Below is a detailed breakdown of its electronic and mechanical parts.
---
### 1. Technical Specifications
The M2UDS2-FW0-R2 belongs to the **M2 Series** (sub-category of the 30mm heavy-duty line) and features the following core specifications:
| Component Feature | Specification Details |
| :--- | :--- |
| **Mounting Hole Size** | 30mm (Industrial standard) |
| **Operator Type** | Selector Switch (Knob type) |
| **Positions** | 2-Position (90° angle) |
| **Function** | Maintained (Stays in the turned position) |
| **Contact Configuration** | 2NO (Two Normally Open contacts) |
| **Illumination** | Non-Illuminated |
| **Bezel Material** | Metal (Durable Chrome finish) |
---
### 2. Breakdown of Electronic & Mechanical Parts
The unit is modular, consisting of several key components that work together to complete an electrical circuit:
#### A. The Operator (Knob)
* **Handle:** A standard lever or "Wing Lever" style that provides the physical interface for the user.
* **Mechanism:** A heavy-duty cam assembly that translates the rotational movement into linear movement to push the contact blocks.
#### B. The Contact Blocks
The "R2" suffix indicates the contact arrangement.
* **Contact Type:** Silver contacts (Ag) for high conductivity and reliability.
* **2NO Configuration:** This means there are two separate sets of contacts. In the "Off" position, the circuit is open. When turned to the "On" position, both circuits close simultaneously.
* **Terminal Screws:** Uses M3.5 screws with captive wire clamps for secure electrical connection.
#### C. The Mounting Hardware
* **Locking Ring:** A metal ring that secures the switch to the control panel.
* **Gasket:** A rubber seal that ensures the unit maintains its environmental rating (typically NEMA 4X, 13, and IP65).
---
### 3. Electrical Ratings
The contact blocks used in the M2UDS2 series are rated for industrial power loads:
| Parameter | Rating |
| :--- | :--- |
| **Insulation Voltage (Ui)** | 600V |
| **Thermal Current (Ith)** | 10A |
| **AC-15 (Inductive Load)** | 120V @ 6A / 240V @ 3A |
| **DC-13 (Inductive Load)** | 125V @ 1.1A / 250V @ 0.55A |
---
### 4. Environmental & Protection
Because this part is designed for factory floors and machinery, it includes:
* **IP65 Protection:** Dust-tight and protected against water jets.
* **Vibration Resistance:** High-tension spring mechanisms to prevent accidental state changes during machine vibration.
- ⤷
What is the difference between 'Maintained' and 'Spring Return' functions for this switch?
- ⤷ Can the contact blocks on the M2UDS2-FW0-R2 be replaced or added to?
- ⤷ What is the specific NEMA rating for the IDEC TWND series?