M2UDS2-D6-R2
AI

The **M2UDS2-D6-R2** is a specialized electronic component, typically categorized as a **Twin-Timer** or **Repeat-Cycle Timer Relay**, often manufactured by companies like **Carlo Gavazzi** or specialized industrial control brands.
Below is a detailed breakdown of its technical specifications and electronic functions.
---
### 1. General Specifications
This device is designed for industrial automation to control the timing of electrical loads in repetitive cycles.
| Feature | Specification |
| :--- | :--- |
| **Function** | Repeat Cycle Timer (Asymmetrical) |
| **Mounting** | DIN-rail Mounting |
| **Supply Voltage** | 24VDC or 24-240VAC (Model dependent, usually Universal) |
| **Output Type** | Relay Contact (SPDT or DPDT) |
| **Contact Rating** | Usually 5A to 8A @ 250VAC |
| **Time Ranges** | Selectable (e.g., 0.1s to 100h) |
---
### 2. Core Electronic Functions
The "M2U" series generally operates using an internal microprocessor or an analog-to-digital timing circuit.
* **Asymmetrical Recycler:** The "D6" designation often refers to its ability to have two independent time settings:
* **T1 (ON-Time):** How long the relay stays energized.
* **T2 (OFF-Time):** How long the relay stays de-energized.
* **Knob Adjustments:** The faceplate features rotary potentiometers to set the time scale and the specific percentage of that scale for both cycles.
* **LED Indicators:**
* **Power LED:** Indicates the device is energized.
* **Relay LED:** Indicates if the output contact is currently active.
---
### 3. Wiring Configuration
The back or side of the unit contains terminal blocks. A typical configuration for this series is:
```text
Terminal Description
-----------------------
A1 / A2 Power Supply Input
15 Common (C)
16 Normally Closed (NC)
18 Normally Open (NO)
```
---
### 4. Application Examples
Because the M2UDS2-D6-R2 allows for separate ON and OFF durations, it is used in:
1. **Lubrication Systems:** Injecting oil for 5 seconds every 2 hours.
2. **Ventilation:** Running a fan for 10 minutes every hour.
3. **Chemical Dosing:** Activating a pump for short bursts at long intervals.
4. **Flashing Lights:** Creating specific strobe patterns for industrial warnings.
---
- ⤷
What is the difference between an asymmetrical and a symmetrical recycler timer?
- ⤷ How do I calculate the time range if the dial is set to 10h and 50%?
- ⤷ Can this relay be triggered by an external start signal or does it start on power-up?