M2UDS2-D4-R2/Q
AI

Based on the technical nomenclature, the **M2UDS2-D4-R2/Q** is a specific part number typically associated with high-performance **industrial or automotive-grade memory modules**, specifically **DDR4 SDRAM Unbuffered DIMMs (UDIMM)**.
Below is a breakdown of the electronic specifications and the nomenclature logic for this type of component.
---
### 1. Technical Specifications Table
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Memory Technology** | DDR4 SDRAM | Double Data Rate 4 |
| **Form Factor** | 288-pin UDIMM | Unbuffered Dual Inline Memory Module |
| **Capacity** | Variable (Part specific) | Typically 4GB, 8GB, or 16GB |
| **Rank** | Single or Dual Rank | Denoted by the "S2" or "D4" segments |
| **Voltage** | 1.2V | Standard low-voltage operation |
| **Data Rate** | 2400MT/s - 3200MT/s | Depends on the internal clock rating |
| **Operating Temp** | -40°C to +85°C | Industrial wide-temperature range |
---
### 2. Part Number Breakdown (Nomenclature)
The alphanumeric string can be decoded as follows to understand the electronic architecture:
* **M2U**: Indicates a **Memory Module**, specifically the **UDIMM** (Unbuffered) category used in PCs and industrial controllers.
* **DS2 / D4**: This refers to the **Density** and **Die Generation**.
* *D4* specifically identifies the technology generation as **DDR4**.
* The prefix usually indicates the number of chips per side (Ranks).
* **R2**: Refers to the **Revision 2** of the PCB design or the DRAM chip stepping. This ensures compatibility with specific motherboard chipsets.
* **Q / /Q**: Often signifies **Quality Grade** or **Automotive Grade**. In many industrial manufacturers (like Apacer or Micron-based partners), the "/Q" suffix indicates the part has undergone extended burn-in testing or meets specific electromagnetic compatibility (EMC) standards.
---
### 3. Key Electronic Components
1. **DRAM Integrated Circuits (ICs):** The core memory chips that store data bits. These are usually FBGA (Fine-pitch Ball Grid Array) packages.
2. **SPD EEPROM:** A small 8-pin chip that stores the "Serial Presence Detect" data. This tells the BIOS/UEFI the timing, voltage, and frequency requirements of the module.
3. **Decoupling Capacitors:** Small surface-mount (SMD) components that filter electrical noise and stabilize the 1.2V power rail.
4. **Register/Buffer (Optional):** Since this is a UDIMM, it lacks a heavy register chip, allowing for lower latency but less stability in high-capacity server environments compared to RDIMMs.
---
### 4. Typical Applications
* **Industrial PCs (IPC):** Used in automation where vibration and temperature fluctuations occur.
* **Embedded Systems:** Logic controllers that require high-speed temporary data storage.
* **Networking Gear:** Routers and switches that require reliable DDR4 memory for packet processing.
- ⤷
What is the maximum data transfer rate for the R2 revision of this module?
- ⤷ Does this specific part support ECC (Error Correction Code)?
- ⤷ What is the significance of the 288-pin layout compared to older DDR3 modules?