công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS2-D4-R/CE

  • AI
    The **M2UDS2-D4-R/CE** is a specialized electronic component, typically identified as a **Digital Multi-Function Meter** or an **Electrical Power Transducer**, often used in industrial automation and power management systems. It is designed to measure and convert electrical parameters into standardized signals for monitoring and control. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics of this series: | Feature | Specification | | :--- | :--- | | **Input Type** | AC Voltage, AC Current, or Multi-parameter (V, A, Hz, W, PF) | | **Power Supply** | Usually 100–240V AC / 110–130V DC (Standard Universal) | | **Output Type** | Relay Output (Alarm) or Analog Output (4-20mA / 0-10V) | | **Communication** | Often includes RS-485 (Modbus RTU) | | **Accuracy Class** | 0.5% or 0.2% (Industrial Grade) | | **Mounting** | DIN Rail Mounting (35mm) | --- ### 2. Breakdown of the Model Nomenclature The alphanumeric code provides specific details about the device configuration: * **M2UDS2:** Represents the base series (High-performance Digital Transducer/Meter). * **D4:** Typically signifies the display type or the specific input range (e.g., 4-digit LED or specific voltage threshold). * **R:** Usually indicates a **Relay Output** or a specific Resistive characteristic in the output stage. * **CE:** Certification mark indicating compliance with European Health, Safety, and Environmental protection standards. --- ### 3. Electronic Functional Blocks The internal circuitry of the M2UDS2-D4-R/CE is generally divided into four functional stages: #### A. Input Conditioning Stage Uses high-precision resistors and potential transformers (PTs) or current transformers (CTs) to step down high industrial voltages/currents to levels safe for the internal processor. #### B. Processing Unit (MCU) Contains a microprocessor with an Integrated Analog-to-Digital Converter (ADC). It performs **True RMS** calculations to ensure accuracy even with non-linear loads (harmonics). #### C. Output Interface * **Analog:** A Digital-to-Analog Converter (DAC) drives a current loop (4-20mA). * **Digital:** Opto-isolated ports for RS-485 communication to prevent electrical noise from the power lines from damaging the PLC/PC. #### D. Galvanic Isolation Features high-grade isolation between the input, output, and power supply circuits (typically 2.0kV AC for 1 minute) to protect downstream equipment. --- ### 4. Common Applications * **Energy Management:** Integration into SCADA systems to monitor factory power consumption. * **Motor Control:** Protecting large industrial motors by monitoring phase current and voltage. * **Panel Building:** Used in distribution boards to provide localized digital readouts of electrical health.
    ✨ Follow-up Questions
    • ⤷What is the specific wiring diagram for the RS-485 connection on this model?
    • ⤷ Does this model support 3-phase 4-wire systems?
    • ⤷ What is the maximum current rating for the relay output?