công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS2-C5-R/Q

  • AI
    The **M2UDS2-C5-R/Q** is a specific part number typically associated with **M-System (now MG CO., LTD)** signal conditioners or similar industrial automation components. Specifically, it belongs to the **M2 Series** of ultra-slim plug-in signal conditioners. --- ## 1. Technical Specifications The part number can be broken down into functional blocks that describe its electronic characteristics: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2UDS2** | **Model Series** | Uni-Senser (Universal Input Signal Conditioner) | | **C5** | **Input/Output** | Configurable I/O (typically current or voltage) | | **R** | **Power Input** | 24V DC | | **Q** | **Option** | Special specification or conformities (e.g., specific coatings) | --- ## 2. Core Electronic Components & Architecture The M2UDS2 series utilizes a specific electronic architecture to ensure signal integrity in industrial environments: ### A. Galvanic Isolation This device provides **three-port isolation**: * **Input to Output:** Prevents ground loops from affecting measurement. * **Input to Power:** Protects sensitive sensors from power surges. * **Output to Power:** Protects PLCs/Controllers from power supply noise. ### B. Signal Conversion Circuitry * **A/D Converter:** Converts the analog input (e.g., 4-20mA or 0-10V) into a digital signal for processing. * **Microprocessor:** Allows for "Universal" configuration via DIP switches or PC software, compensating for linearity and drift. * **D/A Converter:** Converts the processed signal back to a high-precision analog output. ### C. Protection Features * **Overcurrent Protection:** Resettable fuses or limiting circuits to prevent damage during wiring errors. * **Surge Absorption:** Internal Zener diodes or Varistors to handle electromagnetic interference (EMI). --- ## 3. Wiring Configuration The unit typically uses a base-socket mounting system. Below is a standard pin-out logic for the M2 series: | Terminal | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Output | Analog Output (e.g., 4-20mA) | | **4 & 5** | Input | Sensor Input (Voltage/Current) | | **7 & 8** | Power Supply | 24V DC (+ / -) | --- ## 4. Key Functional Features * **Ultra-Slim Design:** Only 29mm wide, allowing for high-density DIN rail mounting. * **Field Configurable:** Users can change input types (Thermocouples, RTDs, DC Volts) without replacing the hardware. * **Zero/Span Adjustment:** Front-facing potentiometers for fine-tuning the output signal in the field.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M2UDS2 and standard M2RS models?
    • ⤷ How do I configure the DIP switches for a 4-20mA input?
    • ⤷ What software is required for PC-based configuration of this unit?