công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS2-BC-R

  • AI
    ### M2UDS2-BC-R Electronic Component Overview The **M2UDS2-BC-R** is part of the **M2U series** manufactured by **M-System** (a leading company in signal conditioning and remote I/O). This specific model is a **Digital Potentiometer Unit** or a **Step-top Digital Setpoint Controls** designed for industrial automation and instrumentation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M2U (Ultra-slim Signal Conditioner) | | **Function** | Digital Setpoint Control / Digital Potentiometer | | **Input Signal** | Up/Down dry contact or open collector | | **Output Type** | DC Current or Voltage (depends on configuration) | | **Power Input** | 100 – 240V AC (Standard for 'R' suffix) | | **Mounting** | DIN Rail Mounting | | **Response Time** | ≤ 0.5 seconds (0 - 90%) | --- ### 2. Functional Description The M2UDS2-BC-R acts as a bridge between manual operator inputs (Up/Down switches) and industrial control systems. It generates a steady analog output based on digital inputs. * **Up/Down Control:** By closing the "Up" or "Down" contacts, the output signal increases or decreases linearly. * **Memory (Non-volatile):** The device typically retains the last setpoint even if the power is disconnected, ensuring the process resumes at the same level. * **Galvanic Isolation:** It provides high-level isolation between the power supply, input, and output, protecting sensitive PLCs or controllers from electrical surges. --- ### 3. Model Code Breakdown: M2UDS2-BC-R | Code Segment | Meaning | | :--- | :--- | | **M2U** | Series name (Ultra-slim 2-wire/4-wire signal conditioners) | | **DS2** | Function: Digital Setpoint Control (Up/Down) | | **B** | Output: 4 – 20 mA DC | | **C** | Output: 1 – 5 V DC (Dual output or specific range) | | **R** | Power Supply: 100 – 240V AC | --- ### 4. Wiring and Terminal Layout Standard M-System M2U units use a base socket for easy maintenance. ```text [ Terminal Arrangement ] 1: Output (+) 2: Output (-) 3: Up Input 4: Down Input 5: Common (Input) 6: NC (No Connection) 7: Power (L/+) 8: Power (N/-) ``` ### 5. Common Applications * **Remote Setpoint Adjustment:** Used to manually adjust a motor speed or valve position from a remote control panel. * **Process Tuning:** Providing a reference signal to a PID controller. * **Legacy System Integration:** Replacing mechanical potentiometers with reliable, electronic digital equivalents. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific ramp rates for the Up/Down signal in the M2UDS2 model?
    • ⤷ Does this unit support Modbus or other digital communication protocols?
    • ⤷ Can the output range be reconfigured to 0-10V instead of 4-20mA?