công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS2-B6-R/

  • AI
    The **M2UDS2-B6-R** is a specific part number typically associated with high-performance **M.2 Solid State Drives (SSDs)**, often found in industrial or enterprise-grade storage solutions. Based on the nomenclature, this part belongs to the category of non-volatile memory storage components. --- ## Technical Specifications & Components The internal architecture of this electronic part consists of several critical sub-components that manage data flow and storage integrity. ### 1. Key Internal Parts | Component | Function | | :--- | :--- | | **NAND Flash Memory** | The non-volatile storage area where data is physically kept. | | **SSD Controller** | The "brain" that manages wear leveling, error correction (ECC), and data routing. | | **DRAM Cache** | (Model dependent) Used for high-speed mapping tables and temporary data buffering. | | **PMIC** | Power Management Integrated Circuit that regulates voltage for the controller and flash chips. | ### 2. Physical & Interface Attributes * **Form Factor:** M.2 2280 (22mm wide, 80mm long). * **Interface:** Likely PCIe Gen3 or Gen4 x4 using the NVMe protocol. * **Connector:** M-Key configuration. --- ## Functional Features Electronic parts like the M2UDS2-B6-R are designed with specific firmware-level logic to ensure data reliability: 1. **Wear Leveling:** Distributes write/erase cycles across all memory cells to prevent premature failure of specific blocks. 2. **Bad Block Management:** Automatically identifies and retires NAND cells that are no longer reliable. 3. **Thermal Throttling:** Electronic sensors on the PCB monitor temperature and signal the controller to reduce speed if the device overheats. 4. **ECC (Error Correction Code):** Uses advanced algorithms (like LDPC) to fix bit-flips caused by electromagnetic interference or cell leakage. --- ## Application Use Cases Due to its robust design, this part is commonly used in: * **Embedded Systems:** Industrial PCs requiring high-speed boot drives. * **Edge Computing:** Servers that need reliable storage in compact form factors. * **High-End Workstations:** For processing large datasets or 4K video editing.
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity associated with this specific part number?
    • ⤷ Is this drive compatible with a standard laptop M.2 slot?
    • ⤷ What are the read/write speeds of the M2UDS2-B6-R?