M2UDS2-B6-R
AI

The **M2UDS2-B6-R** is a specific part number typically associated with an industrial **Selector Switch** or a **Push Button** assembly, often manufactured by brands like **IDEC** or similar industrial control component makers.
Below is a breakdown of its electronic and mechanical characteristics:
## Product Overview: M2UDS2-B6-R
This component is part of a modular series designed for control panels, machinery, and automation systems. It serves as a human-machine interface (HMI) to trigger electrical circuits.
---
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Selector Switch / Control Unit |
| **Bezel Shape** | Round (Standard Industrial) |
| **Operator Type** | Knob-type Selector |
| **Positions** | 2-Position (Maintain or Spring Return depending on internal cam) |
| **Color** | Red (indicated by the **-R** suffix) |
| **Mounting Hole** | 22mm (Standard industrial diameter) |
| **Contact Block** | Typically supports NO (Normally Open) or NC (Normally Closed) modules |
---
### Key Electronic & Mechanical Parts
#### 1. The Operator (Head)
The "B6" in the part number usually refers to the physical shape and operation of the knob.
* **Material:** High-grade plastic or die-cast metal (depending on the specific series).
* **Rotation:** Features a defined "throw" angle (usually 90 degrees) to switch between states.
#### 2. The Mounting Collar
This is the bridge between the operator (outside the panel) and the contact blocks (inside the panel).
* It ensures a tight seal, often rated **IP65 or NEMA 4X**, protecting the electronics from dust and water.
#### 3. Contact Blocks (The Electrical Interface)
While the M2UDS2 refers to the operator, it actuates "Contact Blocks" attached to the back.
* **Current Rating:** Usually rated for 6A to 10A at 120/240VAC.
* **Logic:** When the knob is turned, a physical cam pushes a plunger on the contact block, opening or closing the electrical circuit.
#### 4. The Suffix Decoding
* **M2:** Often denotes the series (22mm Miniature/Standard).
* **U:** Universal or specific mounting style.
* **B6:** The specific mechanical action (e.g., 2-position maintained).
* **R:** Color (Red).
---
### Typical Applications
* **Emergency Stop/Safety Logic:** Red selectors are often used for "Off/On" safety locks.
* **Mode Selection:** Switching a machine between "Manual" and "Auto" modes.
* **Power Distribution:** Activating a primary contactor for industrial power.
---
- ⤷
What are the specific contact block types compatible with the M2 series?
- ⤷ Does this model have an illuminated option for status feedback?
- ⤷ What is the IP rating for the M2UDS2-B6-R in harsh environments?