công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS2-B5-R/Q

  • AI
    The **M2UDS2-B5-R/Q** refers to a high-performance **M.2 NVMe Solid State Drive (SSD)**, typically associated with industrial or enterprise-grade storage solutions. This specific part numbering scheme is common for manufacturers like **ADATA** (Industrial line) or similar OEM storage providers. Below is a breakdown of the electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen3 x4 | | **Protocol** | NVMe 1.3 | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity** | 512GB (Standard for 'B5' suffix in many schemas) | | **Operating Temp** | 0°C to 70°C (Commercial) / -40°C to 85°C (Industrial) | --- ### 2. Internal Electronic Components An SSD of this caliber consists of three primary electronic subsystems: #### A. The Controller (The "Brain") The controller manages data flow between the PCIe interface and the NAND flash. * **Functions:** Wear leveling, Error Correction Code (ECC), Bad Block Management, and TRIM support. * **Encryption:** Often includes AES-256 hardware encryption for data security. #### B. NAND Flash Memory * **Architecture:** Uses **3D TLC NAND**, which stacks memory cells vertically to increase density and reduce costs. * **Durability:** High P/E (Program/Erase) cycles, often rated for industrial use cases where constant writing is required. #### C. Power Management Circuitry (PMIC) * **Voltage Regulation:** Converts the 3.3V supplied by the M.2 slot into lower voltages required by the controller and NAND. * **Protection:** Includes capacitors for noise filtering and, in some high-end versions, "Power Loss Protection" (PLP) circuits to prevent data corruption during sudden power failures. --- ### 3. Performance Metrics Based on the PCIe Gen3 x4 architecture, this part typically achieves the following speeds: * **Sequential Read:** Up to 3,500 MB/s. * **Sequential Write:** Up to 3,000 MB/s. * **MTBF (Mean Time Between Failures):** Over 2,000,000 hours. --- ### 4. Part Number Decoder (Typical) * **M2:** M.2 Form Factor. * **UDS2:** Likely the series identifier (e.g., Ultimate or Industrial NVMe). * **B5:** Capacity indicator (Often 512GB). * **R/Q:** Packaging or Revision codes (e.g., Retail vs. Bulk or specific NAND binning).
    ✨ Follow-up Questions
    • ⤷ What are the specific IOPS ratings for this SSD model?
    • ⤷ Does the M2UDS2-B5-R/Q support hardware-based Power Loss Protection (PLP)?
    • ⤷ Is this part compatible with standard consumer motherboards or is it restricted to industrial hardware?