M2UDS2-AB-R2/CE
AI

The **M2UDS2-AB-R2/CE** is a specialized electronic component, typically identified as a **Digital Signal Transducer** or **Isolator** manufactured by companies like **M-System**. These devices are designed to convert a signal from one form to another while providing galvanic isolation.
---
### 1. Key Technical Specifications
Below are the general specifications typical for this model series:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Digital/Analog Signal Transducer |
| **Input Signal** | Standard DC current or voltage (e.g., 4-20mA, 1-5V) |
| **Output Signal** | Dual output (typically proportional DC signals) |
| **Power Supply** | Usually AC (100-240V) or DC (24V) depending on code |
| **Isolation** | 2000V AC (Input to Output to Power to Ground) |
| **Mounting** | DIN Rail Mounting |
| **Certification** | CE Marking (as indicated by the `/CE` suffix) |
---
### 2. Breakdown of the Model Code
The alphanumeric string defines the specific hardware configuration:
* **M2UDS2**: The base series identifier (Unit type).
* **AB**: Represents the Input/Output configuration.
* **A**: Usually indicates the specific Input type (e.g., 4-20mA DC).
* **B**: Usually indicates the Output 1 type (e.g., 1-5V DC).
* **R2**: Refers to the Power Input (e.g., 24V DC or specific AC ranges).
* **CE**: Confirms the unit meets European Conformity standards for safety and EMC.
---
### 3. Core Electronic Functions
The internal circuitry of the M2UDS2-AB-R2/CE performs three primary roles:
1. **Signal Conversion**: It takes an analog input from a sensor or PLC and scales it linearly to a standard output range.
2. **Galvanic Isolation**: It uses optical or magnetic coupling to ensure there is no direct electrical connection between the input, output, and power supply. This prevents ground loops and protects sensitive equipment from high-voltage surges.
3. **Dual Output (Splitter)**: It can provide two independent signals from a single input source, allowing one signal to go to a local display and the other to a central control system (SCADA/PLC).
---
### 4. Typical Connection Diagram
```text
[ Input Source ] ----> [ Terminals 1(+) & 2(-) ]
|
[ Internal Isolator ]
|
[ Output 1 ] <--------- [ Terminals 3(+) & 4(-) ]
[ Output 2 ] <--------- [ Terminals 5(+) & 6(-) ]
|
[ Power Supply ] <----- [ Terminals 7(+) & 8(-) ]
```
- ⤷
What are the specific input and output signal ranges for the 'AB' configuration?
- ⤷ Does this model support HART communication protocols?
- ⤷ What is the response time (ms) for this signal transducer?