công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS2-155W-R2SLASHN

  • AI
    The part number **M2UDS2-155W-R2** generally refers to a specific series of **SFP (Small Form-factor Pluggable)** transceiver modules, often used in telecommunications and networking hardware (frequently associated with brands like Transition Networks or specific industrial equipment). Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Data Rate** | 155 Mbps (Fast Ethernet / OC-3 / STM-1) | | **Wavelength** | 1310 nm (Typical for Wide-span) | | **Fiber Type** | Single-Mode Fiber (SMF) | | **Max Distance** | 30km - 40km (approximate for "W" variants) | | **Connector** | Duplex LC | | **Interface** | Serial ID (EEPROM) Support | --- ### 2. Key Electronic Sub-assemblies An SFP module like the M2UDS2-155W-R2 consists of several critical electronic systems integrated into a compact metal housing: #### A. The Optical Sub-Assembly (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a Laser Diode (often a Fabry-Pérot or DFB laser) that converts electrical signals into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a PIN Photodiode or APD (Avalanche Photodiode) to convert incoming light back into electrical signals. #### B. The PCBA (Printed Circuit Board Assembly) * **Laser Driver:** An integrated circuit (IC) that controls the current sent to the TOSA to modulate the laser. * **Limiting Amplifier / TIA:** The Trans-Impedance Amplifier (TIA) converts the small current from the ROSA into a usable voltage, while the Limiting Amplifier cleans up the signal. * **Microcontroller:** Manages the identification of the module and monitors internal parameters. #### C. DDM (Digital Diagnostic Monitoring) The "R2" designation often implies a specific revision that includes **DDM/DOM** capabilities. This allows the host system to monitor real-time parameters via an I2C interface: * Transmitter Optical Power * Receiver Optical Power * Internal Temperature * Laser Bias Current * Supply Voltage --- ### 3. Pinout and Interface The module uses a 20-pin gold-finger connector to interface with the host PCB. ```yaml Pin Layout Overview: - Pins 1, 17, 20: VeeT/VeeR (Ground) - Pin 2: TX_Fault (Indicator for Laser failure) - Pin 3: TX_Disable (Input to turn off the laser) - Pins 4, 5: SDA/SCL (2-wire I2C Serial Interface) - Pins 12, 13: RD- / RD+ (Differential Received Data) - Pins 18, 19: TD+ / TD- (Differential Transmit Data) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for this SFP module?
    • ⤷ Is the M2UDS2-155W-R2 compatible with 1Gbps SFP ports?
    • ⤷ Does this specific model support industrial operating temperatures?