M2UDS2-155W-R2
AI

The **M2UDS2-155W-R2** is a high-performance **Industrial Power Supply Unit (PSU)**, typically utilized in server environments, networking equipment, and industrial computing racks. It is characterized by its slim form factor and high efficiency.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the module:
| Parameter | Specification |
| :--- | :--- |
| **Type** | AC/DC Switching Power Supply |
| **Input Voltage** | 90V – 264V AC (Universal Input) |
| **Frequency Range** | 47Hz – 63Hz |
| **Output Power** | 155 Watts |
| **Form Factor** | 1U / Slim Industrial |
| **Efficiency** | Often 80 Plus rated (High Efficiency) |
---
### 2. Core Electronic Components & Features
The internal circuitry of the M2UDS2-155W-R2 is composed of several critical stages:
#### A. Input Protection & Filtering (EMI/PFC)
* **EMI Filter:** Includes X and Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the grid.
* **Active PFC (Power Factor Correction):** Utilizes an inductor and controller to ensure the power factor is close to 1.0, reducing reactive power loss.
#### B. Switching Topology
* **PWM Controller:** A Pulse Width Modulation integrated circuit manages the high-speed switching of MOSFETs.
* **Main Transformer:** A high-frequency ferrite core transformer that provides galvanic isolation between the AC input and DC output.
#### C. Output Rectification & Regulation
* **Schottky Rectifiers:** High-speed diodes (or synchronous rectification MOSFETs) convert the AC signal from the transformer back to DC.
* **Filter Capacitors:** High-quality electrolytic capacitors (often rated for 105°C) to smooth out voltage ripple.
---
### 3. Integrated Protection Circuitry
The unit includes an **Integrated Circuit (IC)** supervisor that monitors the following conditions to prevent hardware damage:
1. **OVP (Over Voltage Protection):** Shuts down if output voltage exceeds safety thresholds.
2. **OCP (Over Current Protection):** Prevents damage during a short circuit or current spike.
3. **OTP (Over Temperature Protection):** Thermal sensors trigger a shutdown if the internal heatsinks become too hot.
4. **SCP (Short Circuit Protection):** Latches the power supply off if a direct short is detected.
---
### 4. Connection Interface
This specific model usually features a specialized output header:
* **Main Connector:** Often a high-density 20-pin or 24-pin connector.
* **Additional Rails:** Provides +12V, +5V, and +3.3V rails to the motherboard or backplane.
- ⤷
What are the specific dimensions of the M2UDS2-155W-R2 for rack mounting?
- ⤷ Which server models or industrial chassis are compatible with this power supply?
- ⤷ Can this unit be used in a redundant (1+1) configuration?