M2UDS2-15-R/N
AI

The **M2UDS2-15-R/N** is a specific part number typically associated with **M-System (now MG CO., LTD)**, a renowned manufacturer of signal conditioners and interface modules. This specific model belongs to the **M2 Series** and functions as a **Potentiometer Transmitter**.
---
## 1. Functional Specification
The primary role of this electronic part is to sense the position of a potentiometer (a variable resistor) and convert that resistance value into a standardized, isolated DC output signal.
### Technical Breakdown of Part Number
| Code | Section | Description |
| :--- | :--- | :--- |
| **M2** | Series | M2 series ultra-slim signal conditioners |
| **UDS2** | Function | Potentiometer Transmitter |
| **15** | Input Type | Total resistance $100\ \Omega$ to $10\ \text{k}\Omega$ |
| **R** | Power Input | 24V DC power supply |
| **N** | Output Type | 0 – 10V DC output |
---
## 2. Key Electronic Features
The internal circuitry involves several critical electronic stages to ensure accuracy and isolation:
* **Reference Voltage Source:** The module provides a stable excitation voltage across the external potentiometer to measure the wiper position.
* **Galvanic Isolation:** It features 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges.
* **Signal Conversion:**
* **Input:** 0% to 100% of the potentiometer resistance.
* **Output:** 0 to 10V DC (Standardized signal).
* **Burnout Protection:** The device typically includes a burnout feature that forces the output to a specific level (High or Low) if the potentiometer wire breaks.
---
## 3. Physical & Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Construction** | Plug-in style (mounted on a base) |
| **Housing Material** | Flame-resistant resin (Black) |
| **Isolation Resistance** | 100 M$\Omega$ or more at 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
| **Accuracy** | $\pm 0.1\%$ of span |
| **Temperature Coefficient** | $\pm 0.015\%$ per degree Celsius |
---
## 4. Typical Application
This part is commonly used in industrial automation for:
1. **Valve Position Feedback:** Monitoring the opening percentage of a motorized valve.
2. **Actuator Control:** Determining the linear or rotary position of an arm.
3. **Level Measurement:** Using a float-operated potentiometer to gauge tank levels.
---
- ⤷
What is the wiring diagram for connecting the M2UDS2-15-R/N to a PLC?
- ⤷ How do I calibrate the zero and span adjustments on this module?
- ⤷ Can this module be used with a 4-20mA output instead of 0-10V?