công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS2-14W-R2

  • AI
    The **M2UDS2-14W-R2** is a specialized high-performance industrial networking component, specifically a **SFP+ (Small Form-factor Pluggable Plus) Transceiver Module**. This module is typically used in enterprise-level networking equipment like switches, routers, and network interface cards (NICs). ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | Up to 10.3 Gbps / 11.1 Gbps | | **Wavelength** | 1310 nm (Standard SMF) | | **Distance** | Up to 10 km (Intermediate Reach) | | **Connector Type** | Duplex LC Connector | | **Fiber Type** | Single-Mode Fiber (SMF) | | **Operational Voltage** | 3.3V | | **Diagnostic Monitoring** | DDM / DOM Supported (Digital Optical Monitoring) | --- ### Key Electronic Components Inside the M2UDS2-14W-R2, several critical electronic sub-assemblies work together to convert electrical signals into optical pulses and vice versa: 1. **Transmitter Optical Sub-Assembly (TOSA):** * Contains a **DFB (Distributed Feedback) Laser**. Unlike cheaper Fabry-Perot lasers, the DFB laser provides a narrow spectral width, which is essential for the 10km range and 10G speeds to minimize chromatic dispersion. * **Laser Driver IC:** Converts the differential electrical signals from the host board into current pulses that drive the laser. 2. **Receiver Optical Sub-Assembly (ROSA):** * Contains a **PIN Photodiode** which detects incoming light. * **TIA (Transimpedance Amplifier):** A high-speed amplifier that converts the photodiode's current output into a usable voltage signal. * **Limiting Amplifier:** Restores the signal to standard logic levels before sending it back to the host system. 3. **Microcontroller (MCU):** * An onboard low-power processor manages the **DDM (Digital Diagnostic Monitoring)**. It monitors real-time parameters such as temperature, supply voltage, laser bias current, and transmitted/received optical power. 4. **EEPROM:** * A small memory chip that stores the module’s identification data (Vendor name, Part number, Serial number, and compatibility codes) using the **I2C protocol**. --- ### Signal Logic Example (I2C Communication) The host system communicates with the transceiver's internal microcontroller via the I2C interface to read diagnostic data. ```python # Conceptual representation of reading DDM data via I2C def get_transceiver_stats(address=0xA2): temp = read_i2c_register(address, 0x60) # Register for Temperature voltage = read_i2c_register(address, 0x62) # Register for Vcc tx_power = read_i2c_register(address, 0x66) # Register for TX Power return {"Temp": temp, "Vcc": voltage, "TX": tx_power} ``` --- ### Application Usage * **Data Centers:** Core-to-Aggregation switch linking. * **Enterprise Networking:** High-speed uplinks for 10GbE campus networks. * **Storage Area Networks (SAN):** High-speed data transfer between servers and storage arrays.
    ✨ Follow-up Questions
    • ⤷What is the difference between SFP and SFP+ in terms of electronic throughput?
    • ⤷ How does Digital Optical Monitoring (DOM) help in network troubleshooting?
    • ⤷ Is this module compatible with multi-mode fiber cables?