M2UDS2-01-R/N
AI

The **M2UDS2-01-R/N** belongs to the **M2U Series** of universal digital panel meters manufactured by **M-System**. These devices are designed to accept various analog inputs and provide a digital readout and signal conversion.
---
### 1. Technical Specifications
Below is a breakdown of the core electronic characteristics for this specific model:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | DC Voltage/Current (Universal) |
| **Display** | 4-digit Red LED |
| **Output** | DC Output (Retransmission) |
| **Power Input** | 100 – 240V AC (Standard) |
| **Accuracy** | ±0.1% of span |
| **Sampling Rate** | 100 milliseconds |
| **Operational Temp** | -5 to +55°C |
---
### 2. Key Electronic Components & Functions
The internal architecture of the M2UDS2 revolves around three primary stages:
#### A. Signal Conditioning (Input)
The device features a high-impedance input stage that converts incoming signals (like 4-20mA or 1-5V DC) into a standardized internal voltage. It utilizes an **Analog-to-Digital Converter (ADC)** to translate the physical signal into a digital value for the microprocessor.
#### B. Processing & Display
* **Microprocessor:** Manages scaling, linearization, and alarm logic.
* **LED Driver:** Controls the high-brightness 4-digit display. The "R" in the part number typically denotes a **Red** LED display.
* **User Interface:** Tactile buttons on the front panel allow for digital scaling (e.g., setting 4mA to represent "0" and 20mA to represent "100").
#### C. Power Supply & Isolation
* **Galvanic Isolation:** This is a critical electronic feature. The unit provides isolation between the input, output, and power terminals (typically 2000V AC). This protects the control system from ground loops and electrical noise.
* **Switching Power Supply:** Designed to handle a wide range of AC voltages while maintaining low heat dissipation.
---
### 3. Part Number Breakdown
* **M2UDS2:** Series identifier (Universal input digital indicator).
* **01:** Specifically identifies the output signal type (often 4-20mA or 1-5V DC retransmission).
* **R:** Red LED Display color.
* **N:** No specific special options (Standard configuration).
---
### 4. Typical Wiring Diagram Logic
| Terminal | Function |
| :--- | :--- |
| **1 - 2** | Power Supply (L, N) |
| **3 - 4** | Analog Input (+, -) |
| **5 - 6** | Retransmission Output (+, -) |
- ⤷
What are the specific configuration steps for scaling the input signal on this model?
- ⤷ How does the galvanic isolation in this device protect against ground loops?
- ⤷ Is there a version of this meter that supports Modbus RTU communication?