AI

The **M2UDS2-00-R2/N** is a specialized electronic component, typically categorized as a **Liquid Leakage Sensor** or **Leakage Sensing Amplifier**, often used in industrial automation and safety monitoring systems.
### 1. General Specifications
This device acts as a relay or controller that detects a change in electrical resistance when liquid bridges two sensing electrodes.
| Feature | Specification |
| :--- | :--- |
| **Model** | M2UDS2-00-R2/N |
| **Component Type** | Liquid Leakage Sensing Amplifier |
| **Input Supply** | Usually 12-24V DC or specific AC ranges (Check label) |
| **Output Type** | Relay Contact (SPDT or DPDT) |
| **Response Time** | High speed (typically < 80ms) |
| **Mounting** | DIN Rail or Plug-in Socket (8-pin/11-pin) |
---
### 2. Electronic Operating Principles
The device functions based on the principle of **conductive sensing**:
1. **Sensing Circuit:** The unit sends a small, low-voltage signal to an external probe or sensing band.
2. **Detection:** When liquid (water, chemicals, etc.) touches the probe, the circuit completes, changing the resistance.
3. **Amplification:** The internal circuitry (the "Amplifier" part) detects this resistance drop and triggers the internal electromagnetic relay.
4. **Isolation:** The input sensing circuit is electronically isolated from the power supply and output contacts to prevent electrical noise or shocks.
---
### 3. Connection and Pinout (General Layout)
While you should always verify with the physical wiring diagram on the casing, these units typically follow this structure:
| Pin Category | Description |
| :--- | :--- |
| **Power Supply** | Connects to the main DC or AC source to power the internal logic. |
| **Sensing Terminals** | Connects to the sensing ribbon or probe (E1, E2). |
| **Relay Contacts** | **Common (COM)**, **Normally Open (NO)**, and **Normally Closed (NC)** terminals used to trigger alarms or shut off valves. |
---
### 4. Key Applications
* **Data Centers:** Detecting water leaks under raised floors.
* **Semiconductor Manufacturing:** Monitoring chemical leaks in cleanrooms.
* **HVAC Systems:** Detecting condensation pan overflows.
* **Industrial Tanks:** High-level or overflow safety shut-offs.
---
- ⤷
What are the specific voltage requirements for the R2/N variant?
- ⤷ How do I wire a sensing band to this controller?
- ⤷ What is the difference between the R2 and R1 versions of this part?