công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2UDS-K0-R

  • AI
    The **M2UDS-K0-R** is a specific part number belonging to the **M2 Series** of Signal Conditioners, typically manufactured by **M-System (now MG CO., LTD)**. This device is an ultra-slim, plug-in signal conditioner designed to convert a DC input into a standard DC output while providing isolation. --- ### 1. Part Number Breakdown Understanding the specific codes in the part number helps identify its technical capabilities: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2** | Series Name | Mini-M Series (Ultra-slim design) | | **UDS** | Function | Universal Input Signal Conditioner | | **K0** | Power Input | 100 – 240V AC (50/60Hz) | | **R** | Output Type | 4 – 20 mA DC (Current output) | --- ### 2. Key Technical Specifications The M2UDS-K0-R is highly versatile due to its "Universal" input nature. * **Input Types:** Configurable for DC voltage (mV or V) or DC current (mA). * **Isolation:** 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS cards. * **Mounting:** DIN rail mounting with a plug-in base for easy maintenance. * **Accuracy:** Typically ±0.1% of span. * **Response Time:** Approximately 0.5 seconds (0 to 90%). --- ### 3. Electronic Components & Internal Architecture Internally, the M2UDS-K0-R utilizes high-quality industrial electronics to ensure signal integrity: 1. **Input Conditioning Stage:** Uses high-precision operational amplifiers and a programmable gain stage to handle various input ranges (selected via internal DIP switches). 2. **Microprocessor (CPU):** Performs A/D conversion and linearization. This allows the user to calibrate the zero and span digitally. 3. **Isolation Barrier:** Utilizes optical or transformer isolation to separate the high-voltage power supply from the sensitive measurement signals. 4. **Output Driver:** A constant current source circuit that ensures the 4-20mA loop remains stable even if the load resistance changes (up to 750Ω). --- ### 4. Wiring and Terminal Layout The unit typically features a 8-pin or 10-pin base. Below is a common terminal representation for the M2 series: | Terminal No. | Connection | | :--- | :--- | | **1 & 2** | Output (+) and (-) | | **4 & 5** | Input (+) and (-) | | **7 & 8** | Power Supply (L & N for AC) | --- ### 5. Application Use Case The **M2UDS-K0-R** is used when you have a sensor (like a pressure transducer) outputting a non-standard voltage and you need to send that data to a PLC that only accepts 4-20mA. It also acts as a "buffer" to protect the PLC if a surge occurs on the sensor side.
    ✨ Follow-up Questions
    • ⤷How do I configure the DIP switches for different input ranges?
    • ⤷ What is the maximum load resistance for the 4-20mA output?
    • ⤷ Does this model support HART communication?