M2UDS-JF-R2/N
AI

The **M2UDS-JF-R2/N** is a specific model of an **Electronic Timer/Digital Counter** within the M2UDS series, typically manufactured by companies like **OMRON** or specialty industrial automation brands. It is designed for precise timing and counting tasks in industrial control panels.
### 1. Technical Specifications
Below is a breakdown of the core electronic and mechanical parameters:
| Feature | Specification |
| :--- | :--- |
| **Type** | Digital Multi-function Timer / Counter |
| **Input Voltage** | Typically 100-240V AC or 24V DC (Model dependent) |
| **Display** | 4-digit or 6-digit LED/LCD Display |
| **Output Type** | Relay (SPDT) or NPN/PNP Transistor Output |
| **Mounting** | DIN Rail or Panel Mount |
| **Reset System** | Manual, External, or Power-off Reset |
| **Terminal Type** | Screw Terminals (R2/N suffix often indicates specific terminal layout) |
---
### 2. Key Electronic Components & Functions
The device operates through several integrated subsystems:
#### A. Input Circuitry
* **Optoisolators:** Protect the internal microcontroller from high-voltage spikes on the signal input lines.
* **Signal Conditioning:** Converts incoming pulses (from sensors or switches) into clean digital logic levels.
#### B. Control & Logic
* **Microprocessor/ASIC:** The "brain" that counts pulses or tracks time intervals based on a crystal oscillator for high precision.
* **EEPROM Memory:** Ensures that current counts or settings are retained if the power is cut (Non-volatile memory).
#### C. Output Stage
* **Electromagnetic Relay:** In the "R2" variant, this typically refers to a dual-contact or specific relay configuration capable of switching external loads (valves, motors, or alarms).
* **Flyback Diode:** Included to prevent inductive back-EMF from damaging the internal transistors when the relay switches.
---
### 3. Application Use Cases
The M2UDS-JF-R2/N is commonly found in:
1. **Batch Counting:** Counting items on a conveyor belt and triggering a gate after a set number.
2. **Delay Timers:** Starting a motor only after a sensor has been triggered for a specific duration.
3. **Frequency Monitoring:** Measuring the speed of a rotating shaft via pulse inputs.
---
### 4. Safety and Installation Notes
* **Environment:** Rated for industrial environments, but sensitive to extreme moisture.
* **Wiring:** Ensure the `N` (Neutral) and `L` (Line) are correctly identified to prevent internal fuse blowout.
* **EMI Shielding:** Use shielded cables for signal inputs if the device is located near high-power variable frequency drives (VFDs).
- ⤷
What is the exact pinout diagram for the R2/N terminal configuration?
- ⤷ How do I program the scaling factor for pulse-to-unit conversion?
- ⤷ What are the differences between the R2 relay output and the N transistor output versions?